Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COREAHB Datasheet(PDF) 2 Page - Actel Corporation

Part # COREAHB
Description  CoreAHB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAHB Datasheet(HTML) 2 Page - Actel Corporation

  COREAHB Datasheet HTML 1Page - Actel Corporation COREAHB Datasheet HTML 2Page - Actel Corporation COREAHB Datasheet HTML 3Page - Actel Corporation COREAHB Datasheet HTML 4Page - Actel Corporation COREAHB Datasheet HTML 5Page - Actel Corporation COREAHB Datasheet HTML 6Page - Actel Corporation COREAHB Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CoreAHB
2
v2.1
Arbitration Scheme
While three masters may be connected to CoreAHB, only
one master can have control of the bus at any one time.
An arbitration mechanism is included in CoreAHB to
control access to the bus by the masters.
In addition to the 3 master connections previously
mentioned, there is also a dummy master contained
within CoreAHB. The dummy master never performs real
transfers, but only issues IDLE transfers if granted. There
is a request input (HBUSREQM0) for the dummy master
that can be connected to a “pause” signal to request
that no other masters are granted control of the bus.
CoreAHB contains a fixed, priority-based, arbitration
scheme that supports three AHB bus masters as well as
the dummy master. The priority allocation is as follows:
•
Master 3 has the highest priority
•
Master 0 (dummy master) has the second highest
priority
•
Master 2 has the middle priority
•
Master 1 has the lowest priority and is the default
bus master. The main subsystem processor (such as
CoreMP7) is normally connected to this master
connection.
Dummy Master
The master 0 slot is reserved for the dummy bus master.
The dummy master does not perform real transfers. It is
granted under the following conditions:
•
When the previously granted master is performing
a locked transfer that has received a SPLIT
response
•
When the default master receives a SPLIT response
and no other master is requesting the bus
•
When all masters have received SPLIT responses
Remapping
CoreAHB has an input named “Remap,” which when
asserted (high) causes slave slots 0 and 1 to be swapped
from the masters’ point of view. Typically, memory
resources such as Flash and RAM will be connected to
slots 0 and 1. The Remap input provides a means of
altering the memory map. For example, it may be
necessary to boot from a nonvolatile memory at power-
up and then subsequently to boot from RAM.
The Remap input can be driven by CoreRemap or by an
external
source.
When
generating
a
subsystem
containing CoreAHB in CoreConsole, the Remap input
will automatically be tied low (inactive) if no connection
is made to it.
Connecting CoreAHB in CoreConsole
Table 1 lists the connections present on CoreAHB and describes how to connect these in CoreConsole.
Table 1 • CoreAHB Bus Connections
Connection
CoreConsole
Label
Description
HCLK
HCLK
AHB system clock input
Connect this to the HCLK output of the bus master.
HRESETn
HRESETn
Active low AHB system reset
Connect this to the HRESETn output of the bus master.
Remap
Remap
This input can be used to modify the memory map. When high, mirrored slave slots
0 and 1 are swapped. This is intended to provide a means of altering the memory
map after boot-up.
This input is tied low if no connection is made to it.
AHB master 0 request
HBUSREQM0
Request input for master 0 (dummy master). This input may be driven by a “pause”
signal to request that no other masters are granted.
This input will be tied low (inactive) if no connection is made to it.
AHB master 0 lock
HLOCKM0
Lock input for master 0 (dummy master).
This input will be tied low (inactive) if no connection is made to it.
AHB master 0 grant
HGRANTM0
Grant indication output for master 0 (dummy master). When high, the dummy
master is driving (IDLE) transfers on the AHB bus.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com