Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COREAHB Datasheet(PDF) 4 Page - Actel Corporation

Part # COREAHB
Description  CoreAHB
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREAHB Datasheet(HTML) 4 Page - Actel Corporation

  COREAHB Datasheet HTML 1Page - Actel Corporation COREAHB Datasheet HTML 2Page - Actel Corporation COREAHB Datasheet HTML 3Page - Actel Corporation COREAHB Datasheet HTML 4Page - Actel Corporation COREAHB Datasheet HTML 5Page - Actel Corporation COREAHB Datasheet HTML 6Page - Actel Corporation COREAHB Datasheet HTML 7Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CoreAHB
4
v2.1
Table 2 • CoreAHB Port List
Signal
Direction Description
Common AHB System Signals
HCLK
Input
Bus clock. This clock times all bus transfers. All signal timings are related to the rising edge of HCLK.
HRESETn
Input
Reset. The bus reset signal is active low and is used to reset the system and the bus. This is the only
active low AHB signal.
Remap Signal
Remap
Input
Provides a means of altering the memory map. Slave slots 0 and 1 are swapped when this input is
high.
Mirrored AHB Master 0 (dummy master) Interface
HBUSREQM0
Input
Request input for master 0 (dummy master). This input may be driven by a “pause” signal to request
that no other masters are granted.
This input will be tied low (inactive) if no connection is made to it.
HLOCKM0
Input
Lock input for master 0 (dummy master).
This input will be tied low (inactive) if no connection is made to it.
HGRANTM0
Output
Grant indication output for master 0 (dummy master). When high, the dummy master is driving (IDLE)
transfers on the AHB bus.
Common AHB Mirrored Master Signals
HRDATA [31:0]
Output
32-bit data to masters
HREADY
Output
Transfer done. When high, the HREADY signal indicates that a transfer has finished on the bus. This
signal can be driven low to extend a transfer.
HRESP[1:0]
Input
Transfer response. This indicates an Okay Error Retry, or Split response.
Master-Specific Mirrored AHB Master Signals
HADDRMx[31:0]
Input
32-bit master address bus (x = 1 to 3)
HTRANSMx [1:0]
Input
Transfer type (x = 1 to 3). Indicates the type of the current transfer:
00 – Idle
01 – Busy
10 – Non-Sequential
11 – Sequential
HWRITEMx
Input
Transfer direction (x = 1 to 3). When high, this signal indicates a write transfer; and when low, a read
transfer.
HSIZEMx [2:0]
Input
Transfer size. This indicates the size of the transfer, which can be byte (8-bit), halfword (16-bit), or
word (32-bit).
HBURSTMx [2:0]
Input
Burst type (x = 1 to 3). This indicates if the transfer forms part of a burst.
HPROTMx [3:0]
Input
Protection control (x = 1 to 3). These signals indicate if the transfer is an opcode fetch or data access,
and if the transfer is a Supervisor mode access or User mode access.
HWDATAMx
[31:0]
Input
32-bit data from master (x = 1 to 3)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com