Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-CS100 Datasheet(PDF) 26 Page - Actel Corporation

Part # EX128-CS100
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 26 Page - Actel Corporation

Back Button EX128-CS100 Datasheet HTML 22Page - Actel Corporation EX128-CS100 Datasheet HTML 23Page - Actel Corporation EX128-CS100 Datasheet HTML 24Page - Actel Corporation EX128-CS100 Datasheet HTML 25Page - Actel Corporation EX128-CS100 Datasheet HTML 26Page - Actel Corporation EX128-CS100 Datasheet HTML 27Page - Actel Corporation EX128-CS100 Datasheet HTML 28Page - Actel Corporation EX128-CS100 Datasheet HTML 29Page - Actel Corporation EX128-CS100 Datasheet HTML 30Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
eX Family FPGAs
1- 22
v4.3
eX Family Timing Characteristics
Table 1-17 • eX Family Timing Characteristics
(Worst-Case Commercial Conditions, VCCA = 2.3 V, TJ = 70°C)
‘–P’ Speed
‘Std’ Speed
‘–F’ Speed
Units
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
C-Cell Propagation Delays1
tPD
Internal Array Module
0.7
1.0
1.4
ns
Predicted Routing Delays2
tDC
FO=1 Routing Delay, DirectConnect
0.1
0.1
0.2
ns
tFC
FO=1 Routing Delay, FastConnect
0.3
0.5
0.7
ns
tRD1
FO=1 Routing Delay
0.3
0.5
0.7
ns
tRD2
FO=2 Routing Delay
0.4
0.6
0.8
ns
tRD3
FO=3 Routing Delay
0.5
0.8
1.1
ns
tRD4
FO=4 Routing Delay
0.7
1.0
1.3
ns
tRD8
FO=8 Routing Delay
1.2
1.7
2.4
ns
tRD12
FO=12 Routing Delay
1.7
2.5
3.5
ns
R-Cell Timing
tRCO
Sequential Clock-to-Q
0.6
0.9
1.3
ns
tCLR
Asynchronous Clear-to-Q
0.6
0.8
1.2
ns
tPRESET
Asynchronous Preset-to-Q
0.7
0.9
1.3
ns
tSUD
Flip-Flop Data Input Set-Up
0.5
0.7
1.0
ns
tHD
Flip-Flop Data Input Hold
0.0
0.0
0.0
ns
tWASYN
Asynchronous Pulse Width
1.3
1.9
2.6
ns
tRECASYN
Asynchronous Recovery Time
0.3
0.5
0.7
ns
tHASYN
Asynchronous Hold Time
0.3
0.5
0.7
ns
2.5 V Input Module Propagation Delays
tINYH
Input Data Pad-to-Y HIGH
0.6
0.9
1.3
ns
tINYL
Input Data Pad-to-Y LOW
0.8
1.1
1.5
ns
3.3 V Input Module Propagation Delays
tINYH
Input Data Pad-to-Y HIGH
0.7
1.0
1.4
ns
tINYL
Input Data Pad-to-Y LOW
0.9
1.3
1.8
ns
5.0 V Input Module Propagation Delays
tINYH
Input Data Pad-to-Y HIGH
0.7
1.0
1.4
ns
tINYL
Input Data Pad-to-Y LOW
0.9
1.3
1.8
ns
Input Module Predicted Routing Delays2
tIRD1
FO=1 Routing Delay
0.3
0.4
0.5
ns
tIRD2
FO=2 Routing Delay
0.4
0.6
0.8
ns
tIRD3
FO=3 Routing Delay
0.5
0.8
1.1
ns
tIRD4
FO=4 Routing Delay
0.7
1.0
1.3
ns
tIRD8
FO=8 Routing Delay
1.2
1.7
2.4
ns
tIRD12
FO=12 Routing Delay
1.7
2.5
3.5
ns
Notes:
1. For dual-module macros, use tPD + tRD1 + tPDn, tRCO + tRD1 + tPDn or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating
device performance. Post-route timing analysis or simulation is required to determine actual worst-case performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com