Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-CS100PP Datasheet(PDF) 47 Page - Actel Corporation

Part # EX128-CS100PP
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100PP Datasheet(HTML) 47 Page - Actel Corporation

Back Button EX128-CS100PP Datasheet HTML 41Page - Actel Corporation EX128-CS100PP Datasheet HTML 42Page - Actel Corporation EX128-CS100PP Datasheet HTML 43Page - Actel Corporation EX128-CS100PP Datasheet HTML 44Page - Actel Corporation EX128-CS100PP Datasheet HTML 45Page - Actel Corporation EX128-CS100PP Datasheet HTML 46Page - Actel Corporation EX128-CS100PP Datasheet HTML 47Page - Actel Corporation EX128-CS100PP Datasheet HTML 48Page - Actel Corporation EX128-CS100PP Datasheet HTML 49Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
eX Family FPGAs
v4.3
3-3
Advanced v0.2
The Mechanical Drawings section has been removed from the data sheet. The mechanical
drawings are now contained in a separate document, “Package Characteristics and
Mechanical Drawings,” available on the Actel web site.
A new section describing "Clock Resources"has been added.
1-4
A new table describing "I/O Features"has been added.
1-5
The "Pin Description"section has been updated and clarified.
1-26
The original Electrical Specifications table was separated into two tables (2.5V and 3.3/
5.0V). In both tables, several different currents are specified for VOH and VOL.
Page 8 and 9
A new table listing 2.5V low power specifications and associated power graphs were added. page 9
Pin functions for eX256 TQ100 have been added to the "100-Pin TQFP"table.
2-3
A CS49 pin drawing and pin assignment table including eX64 and eX128 pin functions have
been added.
page 26
A CS128 pin drawing and pin assignment table including eX64, eX128, and eX256 pin
functions have been added.
pages 26-27
A CS180 pin drawing and pin assignment table for eX256 pin functions have been added.
pages 27, 31
Advanced v.1
The following table note was added to the eX Timing Characteristics table for clarification:
Clock skew improves as the clock network becomes more heavily loaded.
pages 14-15
Previous version
Changes in current version (v4.3)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com