Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1702A Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1702A
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702A Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1702A Datasheet HTML 15Page - Linear Technology LTC1702A Datasheet HTML 16Page - Linear Technology LTC1702A Datasheet HTML 17Page - Linear Technology LTC1702A Datasheet HTML 18Page - Linear Technology LTC1702A Datasheet HTML 19Page - Linear Technology LTC1702A Datasheet HTML 20Page - Linear Technology LTC1702A Datasheet HTML 21Page - Linear Technology LTC1702A Datasheet HTML 22Page - Linear Technology LTC1702A Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
LTC1702A
1702afa
APPLICATIONS INFORMATION
from CIN (time point A). 50% of the way through, TG2
turns on and the total current is 13A (time point B).
Shortly thereafter, TG1 turns off and the current drops to
10A (time point C). Finally, TG2 turns off and the current
spends a short time at 0 before TG1 turns on again (time
point D).
IA
A
AA
A
AVG =
(
)+(
)+
(
)+(
)=
30 5
130 16
10
016
0
018
518
•.
•.
•.
•.
.
Now we can calculate the RMS current. Using the same
waveform we used to calculate the average DC current,
subtract the average current from each of the DC values.
Square each current term and multiply the squares by the
same period percentages we used to calculate the aver-
age DC current. Sum the results and take the square root.
The result is the approximate RMS current as seen by the
input capacitor with both sides of the LTC1702A at full
load. Actual RMS current will differ due to inductor ripple
current and resistive losses, but this approximate value is
adequate for input capacitor calculation purposes.
TIME
0A
B
C
D
50%
16% 16% 18%
– 5.2
0
–2.2
4.8
7.8
1702A SB2
Figure SB2. AC Current Calculation
I
A
RMS
RMS
= (
)+(
)+
(
)+(
)
=
–.
• .
.
• .
.• .
– .
• .
.
218
05
782
016
482
016
518
018
455
22
22
If the circuit is likely to spend time with one side operating
and the other side shut down, the RMS current will need
to be calculated for each possible case (side 1 on, side 2
off; side 1 off, side 2 on; both sides on). The capacitor
must be sized to withstand the largest RMS current of the
three—sometimes this occurs with one side shut down!
Side only
IA
A
A
IA
Side only
IA
A
A
I
AVE
RMS
RMS
AVE
RMS
1
3
0 67
0
0 33
2 01
1
0 67
2
0 33
1 42
2
10
032
0
068
32
68
032
32
068
1
1
22
2
2
22
:
•.
•.
.
•.
–
•.
.
:
•.
•.
.
.• .
– .
• .
=
(
)+(
)=
=
(
)+(
)=
=
(
)+(
)=
=
(
)+(
)
= 4466
455
..
AA
RMS
RMS
>
Consider the case where both sides are operating at the
same load, with a 50% duty cycle at each side. The RMS
current with both sides running is near zero, while the
RMS current with one side active is 1/2 the total load
current of that side. The 2-phase, 5V to 2.5V circuit in the
applications section takes advantage of this phenom-
enon, allowing it to supply 40A of output current with only
120
µF of input capacitance (and only 40µF of output
capacitance!).
the capacitor we chose for the single side application can
support the slightly higher 4.8ARMS current, we can add
the second channel without changing the input capacitor
at all. As a general rule, an input bypass capacitor capable
of supporting the larger output current channel can sup-
port both channels running simultaneously (see the
2-Phase Operation section for more details).
Tantalum capacitors are a popular choice as input capaci-
tors for LTC1702A applications, but they deserve a special
caution here. Generic tantalum capacitors have a destruc-
tive failure mechanism when they are subjected to large
RMS currents (like those seen at the input of a LTC1702A).
At some random time after they are turned on, they can
blow up for no apparent reason. The capacitor manufac-
turers are aware of this and sell special “surge tested”
tantalum capacitors specifically designed for use with
switching regulators. When choosing a tantalum input
capacitor, make sure that it is rated to carry the RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com