Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1702A Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1702A
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702A Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1702A Datasheet HTML 23Page - Linear Technology LTC1702A Datasheet HTML 24Page - Linear Technology LTC1702A Datasheet HTML 25Page - Linear Technology LTC1702A Datasheet HTML 26Page - Linear Technology LTC1702A Datasheet HTML 27Page - Linear Technology LTC1702A Datasheet HTML 28Page - Linear Technology LTC1702A Datasheet HTML 29Page - Linear Technology LTC1702A Datasheet HTML 30Page - Linear Technology LTC1702A Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
27
LTC1702A
1702afa
2-Step Efficiency Calculation
Calculating the efficiency of a 2-step converter system
involves some subtleties. Simply multiplying the effi-
ciency of the primary 5V or 3.3V supply by the efficiency
of the 1.8V or 1.5V supply underestimates the actual
efficiency, since a significant fraction of the total power is
drawn from the 3.3V and 5V rails in a typical system. The
correct way to calculate system efficiency is to calculate
the power lost in each stage of the converter, and divide
the total output power from all outputs by the sum of the
output power plus the power lost:
Efficiency
TotalOutputPower
TotalOutputPower
TotalPowerLost
=
+
()
100%
In our example 2-step system, the total output power is:
Total output power =
15W + 16.5W + 1.25W + 3.6W + 15W = 51.35W
corresponding to 5V, 3.3V, 2.5V, 1.8V and 1.5V output
voltages.
Assuming the LTC1702A provides 90% efficiency at each
output, the additional load on the 5V and 3.3V supplies is:
1.5V: 15W/90% = 16.6W/3.3V = 5A from 3.3V
1.8V: 3.6W/90% = 4W/5V = 0.8A from 5V
2.5V: 1.25W/75% = 1.66W/3.3V = 0.5A from 3.3V
If the 5V and 3.3V supplies are each 94% efficient, the
power lost in each supply is:
1.5V: 17.55W – 15W = 2.55W
1.8V: 4.26W – 3.6W = 0.66W
2.5V: 1.77W – 1.25W = 0.52W
3.3V: 17.55W – 16.5W = 1.05W
5V:
15.96W – 15W = 0.96W
Total loss = 5.74W
Total system efficiency =
51.35W/(51.35W + 5.74W) = 90%
APPLICATIONS INFORMATION
Maximizing High Load Current Efficiency
Efficiency at high load currents (when the LTC1702A is
operating in continuous mode) is primarily controlled by
the resistance of the components in the power path (QT,
QB, LEXT) and power lost in the gate drive circuits due to
MOSFET gate charge. Maximizing efficiency in this region
of operation is as simple as minimizing these terms.
The behavior of the load over time affects the efficiency
strategy. Parasitic resistances in the MOSFETs and the
inductor set the maximum output current the circuit can
supply without burning up. A typical efficiency curve
(Figure 15) shows that peak efficiency occurs near 30% of
this maximum current. If the load current will vary around
the efficiency peak and will spend relatively little time at the
maximum load, choosing components so that the average
load is at the efficiency peak is a good idea. This puts the
maximum load well beyond the efficiency peak, but usu-
ally gives the greatest system efficiency over time, which
translates to the longest run time in a battery-powered
system. If the load is expected to be relatively constant at
the maximum level, the components should be chosen so
that this load lands at the peak efficiency point, well below
the maximum possible output of the converter.
Figure 15. Typical LTC1702A Efficiency Curves
LOAD CURRENT (A)
0
70
80
90
100
510
1702A G01
15
VIN = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com