Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1702A Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1702A
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702A Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1702A Datasheet HTML 26Page - Linear Technology LTC1702A Datasheet HTML 27Page - Linear Technology LTC1702A Datasheet HTML 28Page - Linear Technology LTC1702A Datasheet HTML 29Page - Linear Technology LTC1702A Datasheet HTML 30Page - Linear Technology LTC1702A Datasheet HTML 31Page - Linear Technology LTC1702A Datasheet HTML 32Page - Linear Technology LTC1702A Datasheet HTML 33Page - Linear Technology LTC1702A Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
LTC1702A
1702afa
APPLICATIONS INFORMATION
Making L smaller than this optimum value yields little or no
improvement in transient response. As the output voltage
recovers, the inductor current will briefly rise above the
level of the output current to replenish the charge lost from
the output capacitor. With a properly compensated loop,
the entire recovery time will be inside of 10
µs.
Most loads care only about the maximum deviation from
ideal, which occurs somewhere in the first two cycles after
the load step hits. During this time, the output capacitor
does all the work until the inductor and control loop regain
control. The initial drop (or rise if the load steps down) is
entirely controlled by the ESR of the capacitor and amounts
to most of the total voltage drop. To minimize this drop,
reduce the ESR as much as possible by choosing low ESR
capacitors and/or paralleling multiple capacitors at the
output. The capacitance value accounts for the rest of the
voltage drop until the inductor current rises. With most
output capacitors, several devices paralleled to get the
ESR down will have so much capacitance that this drop
term is negligible. Ceramic capacitors are an exception; a
small ceramic capacitor can have suitably low ESR with
relatively small values of capacitance, making this second
drop term significant.
Optimizing Loop Compensation
Loop compensation has a fundamental impact on tran-
sient recovery time, the time it takes the LTC1702A to
recover after the output voltage has dropped due to output
capacitor ESR. Optimizing loop compensation entails
maintaining the highest possible loop bandwidth while
ensuring loop stability. The Feedback Component Selec-
tion section describes in detail how to design an optimized
feedback loop, appropriate for most LTC1702A systems.
Voltage Positioning
If the load transients consist primarily of load steps from
near zero load to full load and back, the transient response
can be traded off against DC regulation performance by
using a technique known as “voltage positioning.” The
goal is to intentionally compromise the DC regulation loop
such that the output rides near the maximum allowable
value (often +5%) with no load and near the minimum
allowable value at maximum load. With the load at zero,
any transient that comes along will be a current increase
which will cause the output voltage to fall. Since the output
voltage is initially at a high value, it can fall further before
LTC1702A
FB
1702 F17a
1702A F17b
VOUT
VIN
+5%
–5%
NOM
MAX
0
VOUT
LOAD
CURRENT
MAXIMUM
ALLOWABLE
TRANSIENT
Figure 17a. Standard Regulator
Figure 17b. Standard Regulator—Transient Response
LTC1702A
FB
1702A F17c
1702A F17d
VOUT
VIN
+5%
–5%
NOM
MAX
0
VOUT
LOAD
CURRENT
Figure 17c. Voltage Positioning Regulator
Figure 17d. Positioning Regulator—Transient Response
MAXIMUM
ALLOWABLE
TRANSIENT
≈2× FIGURE 17b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com