Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBWIIBC Datasheet(PDF) 1 Page - Emerson Network Power

Part # QBWIIBC
Description  wide-input intermediate bus converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

QBWIIBC Datasheet(HTML) 1 Page - Emerson Network Power

  QBWIIBC Datasheet HTML 1Page - Emerson Network Power QBWIIBC Datasheet HTML 2Page - Emerson Network Power QBWIIBC Datasheet HTML 3Page - Emerson Network Power QBWIIBC Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This series is a Quarter-Brick, wide-input intermediate bus
converter (IBC). Capable of operating from any input voltage in the
range 36 Vdc to 75 Vdc, this high efficiency isolated dc-dc
converter module generates a semi-regulated 12 V output and can
deliver up to 14 A. This series features a low profile open-frame
construction and has an industry standard quarter-brick footprint.
Embedded Power for
Business-Critical Continuity
Quarter-Brick
Series
Wide Input IBC
Special Features
• Wide input 36 Vdc to 75 Vdc
• Output voltage of 12 V ±10%
• Current rating 14 A
• Ultra high efficiency,
94.5% typical
• Industry standard quarter-brick
footprint
• Low profile - 0.35”
• Remote ON/OFF
• Available RoHS compliant
• 2 Year Warranty
Total Power:
168W
Input Voltage: 36 - 75VDC
# of Outputs:
Single
Rev.04.02.08
qbwiibc
1 of 4
Safety
UL/cUL : CAN/CSA 22.2 No.
60950-00 : UL 60950
UL 60950 File No. E174104
TÜV Product Service (EN60950)
Certificate No.
B 04 07 38572 046


Similar Part No. - QBWIIBC

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B-H LINEAGEPOWER-QBW018A0B-H Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B-P LINEAGEPOWER-QBW018A0B-P Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B1 LINEAGEPOWER-QBW018A0B1 Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B1-H LINEAGEPOWER-QBW018A0B1-H Datasheet
503Kb / 16P
36-75Vdc Input; 12Vdc Output; 18A Output Current
More results

Similar Description - QBWIIBC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC210 ATMEL-ATC210 Datasheet
500Kb / 16P
Dual-Input Bus Converter
logo
Emerson Network Power
ATC210 EMERSON-NETWORKPOWER-ATC210 Datasheet
487Kb / 16P
Dual-Input Bus Converter
logo
Sanken electric
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR201 SANKEN-BR201 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR203 SANKEN-BR203 Datasheet
617Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
logo
Murata Power Solutions ...
DRQ-12-50-L48 MURATA-PS-DRQ-12-50-L48 Datasheet
819Kb / 26P
600W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Altera Corporation
EC2630QI ALTERA-EC2630QI Datasheet
315Kb / 13P
Intermediate Voltage Bus Converter
logo
Murata Power Solutions ...
DRQ-12-42-D48 MURATA-PS-DRQ-12-42-D48 Datasheet
764Kb / 24P
500W Digital Fully Regulated Intermediate DC-DC Bus Converter
logo
Renesas Technology Corp
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
Intermediate Bus PWM Controller
logo
Murata Manufacturing Co...
DBQ0135V2 MURATA1-DBQ0135V2 Datasheet
4Mb / 37P
420W Digital Fully Regulated Intermediate DC-DC Bus Converter
2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com