Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4308 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology LTC4308 Datasheet HTML 10Page - Linear Technology LTC4308 Datasheet HTML 11Page - Linear Technology LTC4308 Datasheet HTML 12Page - Linear Technology LTC4308 Datasheet HTML 13Page - Linear Technology LTC4308 Datasheet HTML 14Page - Linear Technology LTC4308 Datasheet HTML 15Page - Linear Technology LTC4308 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4308
14
4308f
TYPICAL APPLICATIONS
10k
0.01μF
SCL
SDA
READY
1.8k
1.8k
5V
10k
1.2V
200Ω*
200Ω*
VCC
LTC4308
TEMPERATURE
SENSOR
SCLOUT
SDAOUT
ENABLE
SCLIN
SDAIN
READY
GND
10k
4308 TA03
5V
0.01μF
*200Ω ARE ADDITIONAL ESD
PROTECTION RESISTORS
Figure 6. System with Voltage Droop
Figure 7. High VOL Application
4308 TA02
R5
10k
R1
10k
R4
10k
R2
10k
RDROOP
C1
0.01μF
R3
10k
V(BUS)
SDA1
SCL1
READY
ENABLE
SDAIN
SCLIN
READY
SDAOUT
SCLOUT
VCC
GND
SDA2
SCL2
VCC
VCC(LTC4308)
LTC4308



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com