Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4308 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology LTC4308 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4308
6
4308f
ENABLE (Pin 1): Connection Enable Input. This 0.6V nomi-
nal threshold input pin enables or disables the LTC4308.
For normal operation, pull or connect ENABLE high. Driving
ENABLE below the 0.45V threshold isolates SDAIN from
SDAOUT, SCLIN from SCLOUT, asserts READY low, and
prohibits automatic clock and stop bit generation during a
fault condition. A rising edge on ENABLE after a fault has
occurred forces a connection between SDAIN, SDAOUT
and SCLIN, SCLOUT. Connect to VCC if unused.
SCLOUT (Pin 2): Serial Clock Output. Connect this pin to a
SCL bus segment where bus stuck low recovery is desired.
A pull-up resistor should be connected between this pin
and a bus pull-up supply greater than or equal to VCC.
SCLIN (Pin 3): Serial Clock Input. Connect this pin to a SCL
bus segment where isolation from bus stuck low issues is
desired. A pull-up resistor should be connected between
this pin and a bus pull-up supply greater than 0.9V.
GND (Pin 4): Device Ground. Connect this pin to a ground
plane for best results.
READY (Pin 5): Connection Ready Status Output. This
open-drain N-channel MOSFET pin pulls low when
ENABLE is low, when the startup and connection sequence
described in the Operation section has not been completed,
or when the LTC4308 disconnects the input and output
pins due to a bus stuck low condition. READY goes high
when ENABLE is high and connection is made between the
input and output pins. Connect a pull-up resistor, typically
10k, from this pin to the bus pull-up supply. This pin can
be left open if unused.
SDAIN (Pin 6): Serial Data Input. Connect this pin to a SDA
bus segment where isolation from bus stuck low issues is
desired. A pull-up resistor should be connected between
this pin and a bus pull-up supply greater than 0.9V.
SDAOUT (Pin 7): Serial Data Output. Connect this pin to a
SDA bus segment where bus stuck low recovery is desired.
A pull-up resistor should be connected between this pin
and a bus pull-up supply greater than or equal to VCC.
VCC (Pin 8): Supply Voltage Input. Place a bypass capacitor
of at least 0.01μF close to VCC for best results.
Exposed Pad (Pin 9, DFN Package Only): Exposed Pad
may be left open or connected to device ground.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com