Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6404 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 10Page - Linear Technology LTC6404 Datasheet HTML 11Page - Linear Technology LTC6404 Datasheet HTML 12Page - Linear Technology LTC6404 Datasheet HTML 13Page - Linear Technology LTC6404 Datasheet HTML 14Page - Linear Technology LTC6404 Datasheet HTML 15Page - Linear Technology LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology LTC6404 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC6404
14
6404f
LTC6404-4 TYPICAL PERFORMANCE CHARACTERISTICS
Active Supply Current vs
Temperature
Shutdown Supply Current vs
Temperature
Differential Voltage Offset (Input
Referred) vs Temperature
Common Mode Voltage Offset
(Input Referred) vs Temperature
Active Supply Current vs Supply
Voltage and Temperature
SHDN Supply Current vs Supply
Voltage and Temperature
SHDN Pin Current vs SHDN Pin
Voltage and Temperature
Supply Current vs SHDN Pin
Voltage and Temperature
Small-Signal Frequency
Response
TEMPERATURE (°C)
–75
27
28
30
31
32
–25
25
50
150
64044 G01
29
–50
0
75 100 125
33
VS = 2.7V
VS = 5V
VS = 3V
VCM = VOCM = MID-SUPPLY
TEMPERATURE (°C)
–75
0
0.1
0.2
0.3
75 100 125
0.7
64044 G02
–50 –25
0
25
50
150
0.4
0.5
0.6
VCM = VOCM = MID-SUPPLY
VS = 2.7V
VS = 3V
VS = 5V
TEMPERATURE (°C)
–75
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–25
25
50
150
64044 G03
–0.6
0.6
0.8
0.2
–50
0
75 100 125
5 REPRESENTATIVE UNITS
VCM = VOCM = MID-SUPPLY
VS = 3V
TEMPERATURE (°C)
–75
–50
–40
–20
–10
0
50
20
–25
25
50
150
64044 G04
–30
30
40
10
–50
0
75 100 125
5 REPRESENTATIVE UNITS
VCM = VOCM = MID-SUPPLY
VS = 3V
VSUPPLY (V)
0
15
20
25
3
5
64044 G05
10
5
0
12
4
30
35
40
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
VCM = VOCM =
MID-SUPPLY
SHDN = V+
VSUPPLY (V)
0
0.5
0.6
0.7
4
64044 G06
0.4
0.3
123
5
0.2
0.1
0
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
VCM = VOCM = MID-SUPPLY
SHDN = V+
SHDN PIN VOLTAGE (V)
0
–30
–25
–20
–15
–10
0
0.5
1.0
1.5
2.0
64044 G07
2.5
3.0
–5
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
SHDN PIN VOLTAGE (V)
0
35
30
25
20
15
10
5
0
1.5
2.5
64044 G08
0.5
1.0
2.0
3.0
VCM = VOCM = MID-SUPPLY
VS = 3V
TA = 125°C
TA = 105°C
TA = 90°C
TA = 75°C
TA = 50°C
TA = 25°C
TA = –10°C
TA = –45°C
TA = –60°C
FREQUENCY (MHz)
10
100
1000
64044 G09
–15
–10
–5
0
5
10
15
20
VCM = VOCM = MID-SUPPLY
RI = 100Ω, RF = 402Ω,
CF IN PARALLEL WITH RF
CF = 0pF
CF = 1pF
VS = 3V
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com