Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6404 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 3 Page - Linear Technology

  LTC6404 Datasheet HTML 1Page - Linear Technology LTC6404 Datasheet HTML 2Page - Linear Technology LTC6404 Datasheet HTML 3Page - Linear Technology LTC6404 Datasheet HTML 4Page - Linear Technology LTC6404 Datasheet HTML 5Page - Linear Technology LTC6404 Datasheet HTML 6Page - Linear Technology LTC6404 Datasheet HTML 7Page - Linear Technology LTC6404 Datasheet HTML 8Page - Linear Technology LTC6404 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC6404
3
6404f
The
l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VCM = VOCM = VICM = Mid-Supply,
VSHDN = OPEN, RL = OPEN, RBAL = 100k (See Figure 1). For the LTC6404-1: RI = 100Ω, RF = 100Ω. For the LTC6404-2: RI = 100Ω,
RF = 200Ω. For the LTC6404-4: RI = 100Ω, RF = 402Ω, unless otherwise noted. VS is defined (V+ – V). VOUTCM = (VOUT+ + VOUT–)/2.
VICM is defined (VIN+ + VIN–)/2. VOUTDIFF is defined (VOUT+ – VOUT–). VINDIFF = (VINP – VINM)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Offset Voltage (Input Referred)
VS = 2.7V to 5.25V
l
±0.5
±2
mV
ΔVOSDIFF/ΔT Differential Offset Voltage Drift (Input Referred)
VS = 2.7V to 5.25V
1
μV/°C
IB
Input Bias Current (Note 6)
VS = 2.7V to 5.25V
l
–60
–23
0
μA
ΔIB/ΔT
Input Bias Current Drift (Note 6)
VS = 2.7V to 5.25V
0.01
μA/°C
IOS
Input Offset Current (Note 6)
VS = 2.7V to 5.25V
l
±1
±10
μA
RIN
Input Resistance
Common Mode
Differential Mode
1000
3
CIN
Input Capacitance
1pF
en
Differential Input Referred Noise Voltage Density
f = 1MHz
1.5
nV/√Hz
in
Input Noise Current Density
f = 1MHz
3
pA/√Hz
enVOCM
Input Referred Common Mode Noise Voltage
Density
f = 1MHz, Referred to VOCM Pin
LTC6404-1
LTC6404-2
LTC6404-4
9
10.5
27
nV/√Hz
nV/√Hz
nV/√Hz
VICMR
(Note 7)
Input Signal Common Mode Range
VS = 3V
VS = 5V
l
l
0
0
1.6
3.6
V
V
CMRRI
(Note 8)
Input Common Mode Rejection Ratio
(Input Referred)
ΔVICM/ΔVOSDIFF
VS = 3V, ΔVCM = 0.75V
VS = 5V, ΔVCM = 1.25V
60
60
dB
dB
CMRRIO
(Note 8)
Output Common Mode Rejection Ratio
(Input Referred)
ΔVOCM/ΔVOSDIFF
VS = 5V, ΔVOCM = 1V
66
dB
PSRR
(Note 9)
Differential Power Supply Rejection
(
ΔVS/ΔVOSDIFF)
VS = 2.7V to 5.25V
l
60
94
dB
PSRRCM
(Note 9)
Output Common Mode Power Supply Rejection
(
ΔVS/ΔVOSCM)
VS = 2.7V to 5.25V
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
50
50
40
63
63
51
dB
dB
dB
GCM
Common Mode Gain (
ΔVOUTCM/ΔVOCM)VS = 5V, ΔVOCM = 1V
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
1
1
0.99
V/V
V/V
V/V
Common Mode Gain Error
VS = 5V, ΔVOCM = 1V
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
–0.6
–0.6
–1.6
–0.125
–0.25
–1
0.1
0.1
–0.4
%
%
%
BAL
Output Balance (
ΔVOUTCM/ΔVOUTDIFF)
ΔVOUTDIFF = 2V, Single-Ended Input
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
–60
–60
–53
–40
–40
–40
dB
dB
dB
ΔVOUTDIFF = 2V, Differential Input
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
–66
–66
–66
–40
–40
–40
dB
dB
dB
VOSCM
Common Mode Offset Voltage (VOUTCM – VOCM)VS = 2.7V to 5.25V
LTC6404-1
LTC6404-2
LTC6404-4
l
l
l
±10
±20
±40
±25
±50
±100
mV
mV
mV
LTC6404 DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com