Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6404 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC6404
Description  600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6404 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC6404 Datasheet HTML 14Page - Linear Technology LTC6404 Datasheet HTML 15Page - Linear Technology LTC6404 Datasheet HTML 16Page - Linear Technology LTC6404 Datasheet HTML 17Page - Linear Technology LTC6404 Datasheet HTML 18Page - Linear Technology LTC6404 Datasheet HTML 19Page - Linear Technology LTC6404 Datasheet HTML 20Page - Linear Technology LTC6404 Datasheet HTML 21Page - Linear Technology LTC6404 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6404
18
6404f
APPLICATIONS INFORMATION
Figure 1. DC Test Circuit
Figure 2. AC Test Circuit (–3dB BW testing)
–
+
1
SHDN
5
6
IN–
7
OUT+
8
OUTF+
16
15
IN+
NC
NC
14
OUT–
13
OUTF–
VOUTF
–
RF
VOUTF
+
2
V+
3
V–
V+
V+
V–
V+
V–
4
VOCM
VSHDN
VOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
V–
V–
6404 F01
LTC6404
SHDN
0.1μF
0.01μF
VCM
RF
50Ω
50Ω
12pF
12pF
12pF
IL
RI
RI
RBAL
RBAL
+
–
VINP
–
+
VINM
IL
VIN
–
VIN
+
VOUT
+
VOUT
–
VOUTCM
V+
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
V–
V–
V+
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
–
+
1
SHDN
5
6
IN–
7
OUT+
8
OUTF+
16
15
IN+
NC
NC
14
OUT–
13
OUTF–
VOUTF
–
VOUTF
+
2
V+
3
V–
V+
V+
V–
V+
V–
4
VOCM
VSHDN
VOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
6404 F02
LTC6404
SHDN
0.1μF
0.01μF
0.01μF
0.01μF
0.01μF
0.01μF
100Ω
100Ω
50Ω
MINI-CIRCUITS
TCM4-19
MINI-CIRCUITS
TCM4-19
VIN
–
VIN
+
VOUT
+
VOUT
–
+
–
VIN
50Ω
RF
RF
50Ω
50Ω
12pF
12pF
12pF
RI
RI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com