Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4608 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4608 Datasheet HTML 7Page - Linear Technology LTM4608 Datasheet HTML 8Page - Linear Technology LTM4608 Datasheet HTML 9Page - Linear Technology LTM4608 Datasheet HTML 10Page - Linear Technology LTM4608 Datasheet HTML 11Page - Linear Technology LTM4608 Datasheet HTML 12Page - Linear Technology LTM4608 Datasheet HTML 13Page - Linear Technology LTM4608 Datasheet HTML 14Page - Linear Technology LTM4608 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTM4608
11
4608f
APPLICATIONS INFORMATION
D
V
V
OUT
IN
=
Without considering the inductor current ripple, the RMS
current of the input capacitor can be estimated as:
I
CIN(RMS) =
I
OUT(MAX)
η%
•D • 1– D
()
In the above equation, η% is the estimated efficiency of
the power module. The bulk capacitor can be a switcher-
rated electrolytic aluminum capacitor, polymer capacitor
for bulk input capacitance due to high inductance traces
or leads. If a low inductance plane is used to power the
device, then only one 10μF ceramic is required. The three
internal 10μF ceramics are typically rated for 2A of RMS
ripple current, so the ripple current at the worse case for
8A maximum current is 4A or less.
Output Capacitors
The LTM4608 is designed for low output voltage ripple
noise. The bulk output capacitors defined as COUT are
chosen with low enough effective series resistance (ESR)
to meet the output voltage ripple and transient require-
ments. COUT can be a low ESR tantalum capacitor, a low
ESR polymer capacitor or ceramic capacitor. The typical
output capacitance range is from 47μF to 220μF. Additional
output filtering may be required by the system designer,
if further reduction of output ripple or dynamic transient
spikes is required. Table 3 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 3A/μs transient. The table
optimizes total equivalent ESR and total bulk capacitance
to optimize the transient performance. Stability criteria are
considered in the Table 3 matrix, and the Linear Technology
μModule Power Design Tool will be provided for stability
analysis. Multiphase operation will reduce effective output
ripple as a function of the number of phases. Application
Note 77 discusses this noise reduction versus output
ripple current cancellation, but the output capacitance
will be more a function of stability and transient response.
The Linear Technology μModule Power Design Tool will
calculate the output ripple reduction as the number phases
implemented increases by N times.
Burst Mode Operation
The LTM4608 is capable of Burst Mode operation in which
the power MOSFETs operate intermittently based on load
demand, thus saving quiescent current. For applications
where maximizing the efficiency at very light loads is a
high priority, Burst Mode operation should be applied. To
enable Burst Mode operation, simply tie the MODE pin to
VIN. During this operation, the peak current of the inductor
is set to approximately 20% of the maximum peak current
value in normal operation even though the voltage at the
ITH pin indicates a lower value. The voltage at the ITH pin
drops when the inductor’s average current is greater than
the load requirement. As the ITH voltage drops below 0.2V,
the BURST comparator trips, causing the internal sleep
line to go high and turn off both power MOSFETs.
In sleep mode, the internal circuitry is partially turned off, re-
ducing the quiescent current to about 450μA. The load cur-
rent is now being supplied from the output capacitor. When
the output voltage drops, causing ITH to rise above 0.25V,
the internal sleep line goes low, and the LTM4608 resumes
normal operation. The next oscillator cycle will turn on the
top power MOSFET and the switching cycle repeats.
Pulse-Skipping Mode Operation
In applications where low output ripple and high efficiency
at intermediate currents are desired, pulse-skipping mode
should be used. Pulse-skipping operation allows the
LTM4608 to skip cycles at low output loads, thus increasing
efficiency by reducing switching loss. Floating the MODE
pin or tying it to VIN/2 enables pulse-skipping operation.
This allows discontinuous conduction mode (DCM) opera-
tion down to near the limit defined by the chip’s minimum
on-time (about 100ns). Below this output current level,
the converter will begin to skip cycles in order to main-
tain output regulation. Increasing the output load current
slightly, above the minimum required for discontinuous
conduction mode, allows constant frequency PWM.
Forced Continuous Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the lowest
output ripple is desired, forced continuous operation should
be used. Forced continuous operation can be enabled by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com