Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4608 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4608
Description  Low VIN, 8A DC/DC 關ModuleTM with Tracking, Margining, and Frequency Synchronization
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4608 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4608 Datasheet HTML 13Page - Linear Technology LTM4608 Datasheet HTML 14Page - Linear Technology LTM4608 Datasheet HTML 15Page - Linear Technology LTM4608 Datasheet HTML 16Page - Linear Technology LTM4608 Datasheet HTML 17Page - Linear Technology LTM4608 Datasheet HTML 18Page - Linear Technology LTM4608 Datasheet HTML 19Page - Linear Technology LTM4608 Datasheet HTML 20Page - Linear Technology LTM4608 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM4608
17
4608f
APPLICATIONS INFORMATION
Figure 9. No Heat Sink with 3.3VIN to 1.5VOUT
Figure 10. BGA Heat Sink with 3.3VIN to 1.5VOUT
Figure 11. No Heat Sink with 5VIN to 1.5VOUT
Figure 12. BGA Heat Sink with 5VIN to 1.5VOUT
Figure 13. No Heat Sink with 3.3VIN to 2.5VOUT
Figure 14. BGA Heat Sink with 3.3VIN to 2.5VOUT
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F09
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F10
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F11
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F12
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F13
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
5
6
7
120
4608 F14
4
3
0
1
60
80
100
50
70
90
110
2
9
8
400LFM
200LFM
0LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com