Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2401CMS Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2401CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2401CMS Datasheet HTML 24Page - Linear Technology LTC2401CMS Datasheet HTML 25Page - Linear Technology LTC2401CMS Datasheet HTML 26Page - Linear Technology LTC2401CMS Datasheet HTML 27Page - Linear Technology LTC2401CMS Datasheet HTML 28Page - Linear Technology LTC2401CMS Datasheet HTML 29Page - Linear Technology LTC2401CMS Datasheet HTML 30Page - Linear Technology LTC2401CMS Datasheet HTML 31Page - Linear Technology LTC2401CMS Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
LTC2401/LTC2402
There are no extra control or status pins required to
perform the alternating 2-channel measurements. The
LTC2402 only requires two digital signals (SCK and SDO).
This simplification is ideal for isolated temperature mea-
surements or systems where minimal control signals are
available.
Pseudo Differential Applications
Generally, designers choose fully differential topologies
for several reasons. First, the interface to a 4- or 6-wire
bridge is simple (it is a differential output). Second, they
require good rejection of line frequency noise. Third, they
typically look at a small differential signal sitting on a
large common mode voltage; they need accurate
measurements of the differential signal independent of
Figure 31. Embedded Selected Channel Indicator
Figure 32. Pseudo Differential Strain Guage Application
APPLICATIO S I FOR ATIO
the common mode input voltage. Many applications
currently using fully differential analog-to-digital con-
verters for any of the above reasons may migrate to a
pseudo differential conversion using the LTC2402.
Direct Connection to a Full Bridge
The LTC2402 interfaces directly to a 4- or 6-wire bridge, as
shown in Figure 32. The LTC2402 includes a FSSET and a
ZSSET for sensing the excitation voltage directly across the
bridge. This eliminates errors due to excitation currents
flowing through parasitic resistors. The LTC2402 also
includes two single ended input channels which can tie
directly to the differential output of the bridge. The two
conversion results may be digitally subtracted yielding the
differential result.
24012 F31
SCK
SDO
CH1
• • •
• • •
CH1 DATA OUT
CH0 DATA OUT
EOC
CH0
EOC
VCC
LTC2402
FSSET
ZSSET
SCK
CH1
SDO
FO
CS
CH0
GND
3-WIRE
SPI INTERFACE
1
5V
9
8
7
10
24012 F32
2
350
Ω
350
Ω
350
Ω
350
Ω
3
4
5
IDC = 0
IEXCITATION
IDC = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com