Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2401CMS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2401CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 4 Page - Linear Technology

  LTC2401CMS Datasheet HTML 1Page - Linear Technology LTC2401CMS Datasheet HTML 2Page - Linear Technology LTC2401CMS Datasheet HTML 3Page - Linear Technology LTC2401CMS Datasheet HTML 4Page - Linear Technology LTC2401CMS Datasheet HTML 5Page - Linear Technology LTC2401CMS Datasheet HTML 6Page - Linear Technology LTC2401CMS Datasheet HTML 7Page - Linear Technology LTC2401CMS Datasheet HTML 8Page - Linear Technology LTC2401CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
LTC2401/LTC2402
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
fEOSC
External Oscillator Frequency Range
q
2.56
307.2
kHz
tHEO
External Oscillator High Period
q
0.5
390
µs
tLEO
External Oscillator Low Period
q
0.5
390
µs
tCONV
Conversion Time
FO = 0V
q
130.86
133.53
136.20
ms
FO = VCC
q
157.03
160.23
163.44
ms
External Oscillator (Note 11)
q
20510/fEOSC (in kHz)
ms
fISCK
Internal SCK Frequency
Internal Oscillator (Note 10)
19.2
kHz
External Oscillator (Notes 10, 11)
fEOSC/8
kHz
DISCK
Internal SCK Duty Cycle
(Note 10)
45
55
%
fESCK
External SCK Frequency Range
(Note 9)
q
2000
kHz
tLESCK
External SCK Low Period
(Note 9)
q
250
ns
tHESCK
External SCK High Period
(Note 9)
q
250
ns
tDOUT_ISCK
Internal SCK 32-Bit Data Output Time
Internal Oscillator (Notes 10, 12)
q
1.64
1.67
1.70
ms
External Oscillator (Notes 10, 11)
q
256/fEOSC (in kHz)
ms
tDOUT_ESCK
External SCK 32-Bit Data Output Time
(Note 9)
q
32/fESCK (in kHz)
ms
t1
CS
↓ to SDO Low Z
q
0
150
ns
t2
CS
↑ to SDO High Z
q
0
150
ns
t3
CS
↓ to SCK ↓
(Note 10)
q
0
150
ns
t4
CS
↓ to SCK ↑
(Note 9)
q
50
ns
tKQMAX
SCK
↓ to SDO Valid
q
200
ns
tKQMIN
SDO Hold After SCK
↓
(Note 5)
q
15
ns
t5
SCK Set-Up Before CS
↓
q
50
ns
t6
SCK Hold After CS
↓
q
50
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Note 1: Absolute Maximum Ratings are those values beyond which the
life of the device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 2.7 to 5.5V unless otherwise specified. Input source
resistance = 0
Ω.
Note 4: Internal Conversion Clock source with the FO pin tied
to GND or to VCC or to external conversion clock source with
fEOSC = 153600Hz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from
a straight line passing through the actual endpoints of the transfer
curve. The deviation is measured from the center of the quantization
band.
Note 7: FO = 0V (internal oscillator) or fEOSC = 153600Hz ±2%
(external oscillator).
Note 8: FO = VCC (internal oscillator) or fEOSC = 128000Hz ±2%
(external oscillator).
Note 9: The converter is in external SCK mode of operation such that
the SCK pin is used as digital input. The frequency of the clock signal
driving SCK during the data output is fESCK and is expressed in kHz.
Note 10: The converter is in internal SCK mode of operation such that
the SCK pin is used as digital output. In this mode of operation, the
SCK pin has a total equivalent load capacitance CLOAD = 20pF.
Note 11: The external oscillator is connected to the FO pin. The external
oscillator frequency, fEOSC, is expressed in kHz.
Note 12: The converter uses the internal oscillator.
FO = 0V or FO = VCC.
Note 13: The output noise includes the contribution of the internal
calibration operations.
Note 14: VREF = FSSET – ZSSET. The minimum input voltage is limited
to – 0.3V and the maximum to VCC + 0.3V.
Note 15: VCC (DC) = 4.1V, VCC (AC) = 2.8VP-P.
TI I G CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com