Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2401CMS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2401CMS
Description  1-/2-Channel 24-Bit mPower No Latency DSTMADCs in MSOP-10
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2401CMS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2401CMS Datasheet HTML 2Page - Linear Technology LTC2401CMS Datasheet HTML 3Page - Linear Technology LTC2401CMS Datasheet HTML 4Page - Linear Technology LTC2401CMS Datasheet HTML 5Page - Linear Technology LTC2401CMS Datasheet HTML 6Page - Linear Technology LTC2401CMS Datasheet HTML 7Page - Linear Technology LTC2401CMS Datasheet HTML 8Page - Linear Technology LTC2401CMS Datasheet HTML 9Page - Linear Technology LTC2401CMS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC2401/LTC2402
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise vs Reference Voltage
Offset Error vs VCC
RMS Noise vs VCC
REFERENCE VOLTAGE (V)
0
12
16
20
4
24012 G10
8
4
10
14
18
6
2
0
1
2
3
5
VCC = 5V
TA = 25°C
VCC
2.7
–5.0
–2.5
0
2.5
5.0
3.2
3.7
4.2
4.7
24012 G11
5.2
VREF = 2.5V
TA = 25°C
VCC
2.7
0
2.5
5.0
3.2
3.7
4.2
4.7
24012 G12
5.2
VREF = 2.5V
TA = 25°C
Noise Histogram
RMS Noise vs Code Out
Offset Error vs Temperature
OUTPUT CODE (ppm)
–2
250
300
350
2
24012 G13
200
150
–1
0
1
3
100
50
0
VCC = 5V
VREF = 5V
VIN = 0V
CODE OUT (HEX)
–0.3
0.50
0.75
5.3
24012 G14
0.25
0
2.5
1.00
VCC = 5V
VREF = 5V
VIN = –0.3V TO 5.3V
TA = 25°C
TEMPERATURE (
°C)
–55
–5.0
–2.5
0
2.5
5.0
–30
–5
20
45
24012 G15
70
95
120
VCC = 5V
VREF = 5V
VIN = 0V
Full-Scale Error vs Temperature
Full-Scale Error
vs Reference Voltage
Full-Scale Error vs VCC
TEMPERATURE (
°C)
–55
–5.0
–2.5
0
2.5
5.0
–30
–5
20
45
24012 G16
70
95
120
VCC = 5V
VREF = 5V
VIN = 5V
REFERENCE VOLTAGE (V)
0
0
10
20
30
40
50
60
123
4
24012 G17
5
VCC = 5V
VIN = VREF
VCC
2.7
0
3
2
1
6
5
4
3.2
3.7
4.2
4.7
24012 G18
5.2
VREF = 2.5V
VIN = 2.5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com