Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2410IGN Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 30Page - Linear Technology LTC2410IGN Datasheet HTML 31Page - Linear Technology LTC2410IGN Datasheet HTML 32Page - Linear Technology LTC2410IGN Datasheet HTML 33Page - Linear Technology LTC2410IGN Datasheet HTML 34Page - Linear Technology LTC2410IGN Datasheet HTML 35Page - Linear Technology LTC2410IGN Datasheet HTML 36Page - Linear Technology LTC2410IGN Datasheet HTML 37Page - Linear Technology LTC2410IGN Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
LTC2410
34
APPLICATIO S I FOR ATIO
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from po-
tential instabilities at large input signal levels. The propri-
etary architecture used for the LTC2410 third order modu-
lator resolves this problem and guarantees a predictable
stable behavior at input signal levels of up to 150% of full
scale. In many industrial applications, it is not uncommon
to have to measure microvolt level signals superimposed
over volt level perturbations and LTC2410 is eminently
suited for such tasks. When the perturbation is differential,
the specification of interest is the normal mode rejection
for large input signal levels. With a reference voltage
VREF = 5V, the LTC2410 has a full-scale differential input
range of 5V peak-to-peak. Figures 43 and 44 show mea-
surement results for the LTC2410 normal mode rejection
ratio with a 7.5V peak-to-peak (150% of full scale) input
signal superimposed over the more traditional normal mode
rejection ratio results obtained with a 5V peak-to-peak (full
scale) input signal. In Figure 43, the LTC2410 uses the
internal oscillator with the notch set at 60Hz (FO = LOW)
and in Figure 44 it uses the internal oscillator with the
notch set at 50Hz (FO = HIGH). It is clear that the LTC2410
rejection performance is maintained with no compromises
in this extreme situation. When operating with large input
signal levels, the user must observe that such signals do
not violate the device absolute maximum ratings.
SYNCHRONIZATION OF MULTIPLE LTC2410s
Since the LTC2410’s absolute accuracy (total unadjusted
error) is 5ppm, applications utilizing multiple synchro-
nized ADCs are possible.
Figure 43. Measured Input Normal Mode Rejection vs Input Frequency with Input Perturbation of 150% Full Scale (60Hz Notch)
Figure 44. Measured Input Normal Mode Rejection vs Input Frequency with Input Perturbation of 150% Full Scale (50Hz Notch)
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2410 F43
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF = GND
VINCM = 2.5V
FO = GND
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
INPUT FREQUENCY (Hz)
0
2410 F44
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF = GND
VINCM = 2.5V
FO = 5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com