Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2410IGN Datasheet(PDF) 44 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 44 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 40Page - Linear Technology LTC2410IGN Datasheet HTML 41Page - Linear Technology LTC2410IGN Datasheet HTML 42Page - Linear Technology LTC2410IGN Datasheet HTML 43Page - Linear Technology LTC2410IGN Datasheet HTML 44Page - Linear Technology LTC2410IGN Datasheet HTML 45Page - Linear Technology LTC2410IGN Datasheet HTML 46Page - Linear Technology LTC2410IGN Datasheet HTML 47Page - Linear Technology LTC2410IGN Datasheet HTML 48Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
LTC2410
44
TYPICAL APPLICATIO S
*****************************************************
* This example program transfers the LTC2410's 32-bit output
*
* conversion result into four consecutive 8-bit memory locations. *
*****************************************************
*68HC11 register definition
PORTD
EQU
$1008
Port D data register
*
" – , – , SS* ,CSK ;MOSI,MISO,TxD ,RxD"
DDRD
EQU
$1009
Port D data direction register
SPSR
EQU
$1028
SPI control register
*
"SPIE,SPE ,DWOM,MSTR;SPOL,CPHA,SPR1,SPR0"
SPSR
EQU
$1029
SPI status register
*
"SPIF,WCOL, – ,MODF; – , – , – , – "
SPDR
EQU
$102A
SPI data register; Read-Buffer; Write-Shifter
*
* RAM variables to hold the LTC2410's 32 conversion result
*
DIN1
EQU
$00
This memory location holds the LTC2410's bits 31 - 24
DIN2
EQU
$01
This memory location holds the LTC2410's bits 23 - 16
DIN3
EQU
$02
This memory location holds the LTC2410's bits 15 - 08
DIN4
EQU
$03
This memory location holds the LTC2410's bits 07 - 00
*
**********************
* Start GETDATA Routine *
**********************
*
ORG
$C000
Program start location
INIT1
LDS
#$CFFF
Top of C page RAM, beginning location of stack
LDAA
#$2F
–,–,1,0;1,1,1,1
*
–, –, SS*-Hi, SCK-Lo, MOSI-Hi, MISO-Hi, X, X
STAA
PORTD
Keeps SS* a logic high when DDRD, bit 5 is set
LDAA
#$38
–,–,1,1;1,0,0,0
STAA
DDRD
SS*, SCK, MOSI are configured as Outputs
*
MISO, TxD, RxD are configured as Inputs
*DDRD's bit 5 is a 1 so that port D's SS* pin is a general output
LDAA
#$50
STAA
SPCR
The SPI is configured as Master, CPHA = 0, CPOL = 0
*
and the clock rate is E/2
*
(This assumes an E-Clock frequency of 4MHz. For higher E-
*
Clock frequencies, change the above value of $50 to a value
*
that ensures the SCK frequency is 2MHz or less.)
GETDATA PSHX
PSHY
PSHA
LDX
#$0
The X register is used as a pointer to the memory locations
*
that hold the conversion data
LDY
#$1000
BCLR
PORTD, Y %00100000
This sets the SS* output bit to a logic
*
low, selecting the LTC2410
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com