Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2410IGN Datasheet(PDF) 43 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 43 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 39Page - Linear Technology LTC2410IGN Datasheet HTML 40Page - Linear Technology LTC2410IGN Datasheet HTML 41Page - Linear Technology LTC2410IGN Datasheet HTML 42Page - Linear Technology LTC2410IGN Datasheet HTML 43Page - Linear Technology LTC2410IGN Datasheet HTML 44Page - Linear Technology LTC2410IGN Datasheet HTML 45Page - Linear Technology LTC2410IGN Datasheet HTML 46Page - Linear Technology LTC2410IGN Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
LTC2410
43
TYPICAL APPLICATIO S
Sample Driver for LTC2410 SPI Interface
The LTC2410 has a very simple serial interface that makes
interfacing to microprocessors and microcontrollers very
easy.
The listing in Figure 56 is a simple assembler routine for
the 68HC11 microcontroller. It uses PORT D, configuring
it for SPI data transfer between the controller and the
LTC2410. Figure 55 shows the simple 3-wire SPI
connection.
The code begins by declaring variables and allocating four
memory locations to store the 32-bit conversion result.
This is followed by initializing PORT D’s SPI configuration.
The program then enters the main sequence. It activates
the LTC2410’s serial interface by setting the SS output
low, sending a logic low to CS. It next waits in a loop for
a logic low on the data line, signifying end-of-conversion.
After the loop is satisfied, four SPI transfers are com-
pleted, retrieving the conversion. The main sequence ends
by setting SS high. This places the LTC2410’s serial
interface in a high impedance state and initiates another
conversion.
Figure 55. Connecting the LTC2410 to a 68HC11 MCU Using the SPI Serial Interface
The performance of the LTC2410 can be verified using the
demonstration board DC291A, see Figure 57 for the
schematic. This circuit uses the computer’s serial port to
generate power and the SPI digital signals necessary for
starting a conversion and reading the result. It includes a
Labview application software program (see Figure 58)
which graphically captures the conversion results. It can
be used to determine noise performance, stability and
with an external source, linearity. As exemplified in the
schematic, the LTC2410 is extremely easy to use. This
demonstration board and associated software is available
by contacting Linear Technology.
LTC2410
SCK
SDO
CS
13
12
11
SCK (PD4)
MISO (PD2)
SS (PD5)
68HC11
2410 F55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com