Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2483 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 5 Page - Linear Technology

  LTC2483 Datasheet HTML 1Page - Linear Technology LTC2483 Datasheet HTML 2Page - Linear Technology LTC2483 Datasheet HTML 3Page - Linear Technology LTC2483 Datasheet HTML 4Page - Linear Technology LTC2483 Datasheet HTML 5Page - Linear Technology LTC2483 Datasheet HTML 6Page - Linear Technology LTC2483 Datasheet HTML 7Page - Linear Technology LTC2483 Datasheet HTML 8Page - Linear Technology LTC2483 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC2483
2483f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fEOSC
External Oscillator Frequency Range
●
10
4000
kHz
tHEO
External Oscillator High Period
●
0.125
100
µs
tLEO
External Oscillator Low Period
●
0.125
100
µs
tCONV_1
Conversion Time
Simultaneous 50Hz/60Hz
●
144.1
146.9
149.9
ms
External Oscillator (Note 10)
●
41036/fEOSC
ms
The
● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 3)
TI I G CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: VCC = 2.7V to 5.5V unless otherwise specified.
VREF = REF+ – REF–, VREFCM = (REF+ + REF–)/2, FS = 0.5VREF;
VIN = IN
+ – IN–, VINCM = (IN+ + IN–)/2.
Note 4: Use internal conversion clock or external conversion clock source
with fEOSC = 307.2kHz unless otherwise specified.
Note 5: Guaranteed by design, not subject to test.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 7: 50Hz fEOSC = 256kHz ±2% (external oscillator).
Note 8: 60Hz fEOSC = 307.2kHz ±2% (external oscillator).
Note 9: Simultaneous 50Hz/60Hz (internal oscillator) or fEOSC = 280kHz
±2% (external oscillator).
Note 10: The external oscillator is connected to the CA0/F0 pin. The
external oscillator frequency, fEOSC, is expressed in kHz.
Note 11: The converter uses the internal oscillator.
Note 12: The output noise includes the contribution of the internal
calibration operations.
Note 13: Guaranteed by design and test correlation.
Note 14: CB = capacitance of one bus line in pF.
Note 15: All values refer to VIH(MIN) and VIL(MAX) levels.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 15)
I2C TI I G CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
●
0
400
kHz
tHD(SDA)
Hold Time (Repeated) START Condition
●
0.6
µs
tLOW
LOW Period of the SCL Clock Pin
●
1.3
µs
tHIGH
HIGH Period of the SCL Clock Pin
●
0.6
µs
tSU(STA)
Set-Up Time for a Repeated START Condition
●
0.6
µs
tHD(DAT)
Data Hold Time
●
0
0.9
µs
tSU(DAT)
Data Set-Up Time
●
100
ns
tr
Rise Time for Both SDA and SCL Signals
(Note 14)
●
20+0.1CB
300
ns
tf
Fall Time for Both SDA and SCL Signals
(Note 14)
●
20+0.1CB
300
ns
tSU(STO)
Set-Up Time for STOP Condition
●
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com