Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2483 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2483
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2483 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2483 Datasheet HTML 2Page - Linear Technology LTC2483 Datasheet HTML 3Page - Linear Technology LTC2483 Datasheet HTML 4Page - Linear Technology LTC2483 Datasheet HTML 5Page - Linear Technology LTC2483 Datasheet HTML 6Page - Linear Technology LTC2483 Datasheet HTML 7Page - Linear Technology LTC2483 Datasheet HTML 8Page - Linear Technology LTC2483 Datasheet HTML 9Page - Linear Technology LTC2483 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC2483
2483f
TYPICAL PERFOR A CE CHARACTERISTICS
Total Unadjusted Error
(VCC = 5V, VREF = 5V)
Total Unadjusted Error
(VCC = 5V, VREF = 2.5V)
Total Unadjusted Error
(VCC = 2.7V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 5V, VREF = 5V)
Integral Nonlinearity
(VCC = 5V, VREF = 2.5V)
Integral Nonlinearity
(VCC = 2.7V, VREF = 2.5V)
Noise Histogram (6.8sps)
Long-Term ADC Readings
Noise Histogram (7.5sps)
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2483 G03
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
–45
°C, 25°C, 90°C
INPUT VOLTAGE (V)
–12
–4
4
12
–8
0
8
–0.75
–0.25
0.25
0.75
2483 G05
1.25
–1.25
VCC = 5V
VREF = 2.5V
VIN(CM) = 1.25V
85
°C
25
°C
–45
°C
INPUT VOLTAGE (V)
–12
–4
4
12
–8
0
8
–0.75
–0.25
0.25
0.75
2483 G06
1.25
–1.25
VCC = 2.7V
VREF = 2.5V
VIN(CM) = 1.25V
85
°C
25
°C
–45
°C
INPUT VOLTAGE (V)
–12
–4
4
12
–8
0
8
–1.5
–0.5
0.5
1.5
2483 G04
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
85
°C
25
°C
–45
°C
OUTPUT READING (
µV)
–3
8
10
12
0.6
2483 G07
6
4
–1.8
–0.6
–2.4
1.2
–1.2
0
1.8
2
0
14
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
RMS = 0.60
µV
AVERAGE = –0.69
µV
OUTPUT READING (
µV)
–3
8
10
12
0.6
2483 G08
6
4
–1.8
–0.6
–2.4
1.2
–1.2
0
1.8
2
0
14
10,000 CONSECUTIVE
READINGS
VCC = 2.7V
VREF = 2.5V
VIN = 0V
TA = 25°C
RMS = 0.59
µV
AVERAGE = –0.19
µV
TIME (HOURS)
0
–5
–3
–1
1
10
20
30
40
2483 G09
50
3
5
–4
–2
0
2
4
60
VCC = 5V, VREF = 5V, VIN = 0V, VIN(CM) = 2.5V
TA = 25°C, RMS NOISE = 0.60µV
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–1.5
–0.5
0.5
1.5
2483 G01
2.5
–2
–2.5
–1
0
1
2
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
85
°C
–45
°C
25
°C
INPUT VOLTAGE (V)
–3
–1
1
3
–2
0
2
–0.75
–0.25
0.25
0.75
2483 G02
1.25
–1.25
VCC = 5V
VREF = 2.5V
VIN(CM) = 1.25V
–45
°C, 25°C, 90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com