Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6280 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6280
Description  Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6280 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6280 Datasheet HTML 1Page - ANADIGICS, Inc AWT6280 Datasheet HTML 2Page - ANADIGICS, Inc AWT6280 Datasheet HTML 3Page - ANADIGICS, Inc AWT6280 Datasheet HTML 4Page - ANADIGICS, Inc AWT6280 Datasheet HTML 5Page - ANADIGICS, Inc AWT6280 Datasheet HTML 6Page - ANADIGICS, Inc AWT6280 Datasheet HTML 7Page - ANADIGICS, Inc AWT6280 Datasheet HTML 8Page - ANADIGICS, Inc AWT6280 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
aWt6280
Data Sheet - Rev 2.1
11/2008
stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these
conditions. exposure to absolute ratings for extended periods
of time may adversely affect reliability.
eLeCtrICaL CHaraCterIstICs
table 2: absolute Maximum ratings
Figure 3: esD Pin rating
eLeCtrOstatIC DIsCHarGe seNsItIVItY
The AWT6280 part was tested to determine the ESD
sensitivity of each package pin with respect to ground.
All the package pins were subjected to an ESD
pulse event using the Human Body Model outlined
in JESD22-A114C.01 in either polarity with respect
to ground. The pre and post test I-V characteristics
of each pin are recorded. The ratings on each pin
require that it sustain the ESD event and show no
degradation.
ParaMeter
MIN
MaX
uNIts
Supply Voltage (VBATT)
-
+7
V
RF Input Power (RFIN)
-
11
dBm
Control Voltage (VRAMP)
-0.3
1.8
V
Storage Temperature (TSTG)
-55
150
°C
18
1
9
8
7
2
3
4
5
6
10
16
11
13
15
12
14
17
GND
GND
GND
GND
GND
GND
GND
GND
N/C
GSM850/900_OUT
>+2500 V <-2500 V
DCS/PCS_OUT
>+2500 V <-2500 V
GSM850/900_IN
>+2500 V <-2500 V
DCS/PCS_IN
>+2500 V <-2500 V
BS
>+2500 V <-2500 V
TX_EN
>+2500 V <-2500 V
VBATT
>+2500 V <-2500 V
CEXT
>+2500 V <-2500 V
VRAMP
>+2500 V <-2500 V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com