Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6280 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6280
Description  Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6280 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWT6280 Datasheet HTML 2Page - ANADIGICS, Inc AWT6280 Datasheet HTML 3Page - ANADIGICS, Inc AWT6280 Datasheet HTML 4Page - ANADIGICS, Inc AWT6280 Datasheet HTML 5Page - ANADIGICS, Inc AWT6280 Datasheet HTML 6Page - ANADIGICS, Inc AWT6280 Datasheet HTML 7Page - ANADIGICS, Inc AWT6280 Datasheet HTML 8Page - ANADIGICS, Inc AWT6280 Datasheet HTML 9Page - ANADIGICS, Inc AWT6280 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
aWt6280
Data Sheet - Rev 2.1
11/2008
table 7: electrical Characteristics for GsM850 8PsK mode
Unless otherwise specified: VBATT = 3.5 V, PIN = 3.0 dBm, Pulse Width =1154 µs, Duty = 25%
ZIN = ZOUT = 50 Ω, tC = 25 °C, Bs = LOW, tX_eN = HIGH
ParaMeter
MIN
tYP
MaX
uNIt
COMMeNts
Operating Frequency ( FIN )
824
-
849
MHz
Input Power
0
3
5
dBm
PAE
20
28
-
%
FIN = 824 to 849 MHz
POUT set = +29 dBm
ACPR
200 kHz
400 kHz
600 kHz
1800 kHz
-
-
-
-
-38
-62
-72
-77
-34
-58
-64
-68
dBc/30 kHz
dBc/30 kHz
dBc/30 kHz
dBc/100 kHz
All conditions under Polar operation
POUT = +29 dBm
EVM
-
1
5
%
All Conditions under Polar operation
POUT = +29 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com