Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWT6280 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # AWT6280
Description  Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6280 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button AWT6280 Datasheet HTML 5Page - ANADIGICS, Inc AWT6280 Datasheet HTML 6Page - ANADIGICS, Inc AWT6280 Datasheet HTML 7Page - ANADIGICS, Inc AWT6280 Datasheet HTML 8Page - ANADIGICS, Inc AWT6280 Datasheet HTML 9Page - ANADIGICS, Inc AWT6280 Datasheet HTML 10Page - ANADIGICS, Inc AWT6280 Datasheet HTML 11Page - ANADIGICS, Inc AWT6280 Datasheet HTML 12Page - ANADIGICS, Inc AWT6280 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
aWt6280
Data Sheet - Rev 2.1
11/2008
table 10: electrical Characteristics for DCs GMsK mode
Unless otherwise specified: VBATT = 3.5 V, PIN = 3.0 dBm, VRAMP = 1.6 V, Pulse Width =1154 µs,
Duty = 25%, ZIN = ZOUT = 50 Ω, tC = 25 °C , Bs =HIGH, tX_eN = HIGH
ParaMeter
MIN
tYP
MaX
uNIt
COMMeNts
Operating Frequency ( FIN )
1710
-
1785
MHz
Input Power (PIN)
0
3
5
dBm
Output Power (PMAX)
32.0
33.2
-
dBm
Freq = 1710 to1785 MHz
Degraded Output Power
(POUT)
30.0
31.0
-
dBm
VBATT = 3.0 V, TC = 85 °C
PIN = 0 dBm
PAE @ PMAX
45
52
-
%
Freq = 1710 to1785 MHz
Forward Isolation 1
-
-37
-31
dBm
TX_EN = 0 V, PIN = 5 dBm
Forward Isolation 2
-
-22
-17
dBm
TX_EN = HIGH ,VRAMP = 0.2 V
PIN = 5 dBm
Second Harmonic
-
-19
-10
dBm
POUT < 32.0 dBm
Third Harmonic
-
-27
-20
dBm
POUT < 32.0 dBm
n * fo (n > 4), Fo  12.75
GHz
-
-34
-10
dBm
POUT < 32.0 dBm
Stability
VSWR = 6:1 All Phases , POUT < 32.0 dBm
-
-
-36
dBm
FOUT < 1 GHz
-
-
-30
dBm
FOUT > 1 GHz
Ruggedness
No Permanent Degradation
VSWR 10:1, All Phase Angles
POUT < 32.0 dBm
RX Noise Power
-
-86
-81
dBm
FTX = 1785 MHz, RBW = 100 kHz,
FRX = 1805 to1880 MHz, POUT < 32.0 dBm
Input Return Loss
-
1.5:1
2.5:1
VSWR POUT < 32.0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com