Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3541 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3541
Description  High Efficiency Buck VLDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3541 Datasheet HTML 10Page - Linear Technology LTC3541 Datasheet HTML 11Page - Linear Technology LTC3541 Datasheet HTML 12Page - Linear Technology LTC3541 Datasheet HTML 13Page - Linear Technology LTC3541 Datasheet HTML 14Page - Linear Technology LTC3541 Datasheet HTML 15Page - Linear Technology LTC3541 Datasheet HTML 16Page - Linear Technology LTC3541 Datasheet HTML 17Page - Linear Technology LTC3541 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3541

3541fa
APPLICATIO S I FOR ATIO
Extraconsiderationmustbegiventotheuseofceramic
capacitors.Ceramiccapacitorsaremanufacturedwitha
varietyofdielectrics,eachwithdifferentbehavioracross
temperature and applied voltage. The most common
dielectricsusedareZ5U,Y5V,X5RandX7R.TheZ5U
andY5Vdielectricsaregoodforprovidinghighcapaci-
tancesinasmallpackage,butexhibitlargevoltageand
temperaturecoefficientsasshowninFigures8and9.
Whenusedwitha2Vregulator,a1µFY5Vcapacitorcan
loseasmuchas75%ofitsinitialcapacitanceoverthe
operatingtemperaturerange.TheX5RandX7Rdielectrics
resultinmorestablecharacteristicsandareusuallymore
suitableforuseastheoutputcapacitor.TheX7Rtypehas
betterstabilityacrosstemperature,whiletheX5Risless
expensiveandisavailableinhighervalues.Inallcases,
theoutputcapacitanceshouldneverdropbelow1µFor
instabilityordegradedperformancemayoccur.
EFFICIENCY CONSIDERATIONS
Generally,theefficiencyofaregulatorisequaltotheout-
putpowerdividedbytheinputpowertimes100%.Itis
oftenusefultoanalyzeindividuallosstermstodetermine
whichtermsarelimitingefficiencyandwhatifanychange
wouldyieldthegreatestimprovement.Efficiencycanbe
expressedas:
Efficiency=100%–(L1+L2+L3+...)
whereL1,L2,etc.aretheindividuallosstermsasaper-
centageofinputpower.
Althoughalldissipativeelementsinthecircuitproduce
losses,threemainsourcestypicallyaccountforthemajority
ofthelossesintheLTC3541circuits:VINquiescentcurrent,
I2RlossesandlossacrossVLDOoutputdevice.When
operatingwithboththebuckandVLDOactive(ENBUCK
andENVLDOequaltologichigh),VINquiescentcurrent
lossandlossacrosstheVLDOoutputdevicedominate
theefficiencylossatlowloadcurrents,whereastheI2R
lossandlossacrosstheVLDOoutputdevicedominate
theefficiencylossatmediumtohighloadcurrents.At
lowloadcurrentswiththepartoperatingwiththelinear
regulator(ENBUCKequaltologiclow,ENVLDOequalto
logichigh),efficiencyistypicallydominatedbytheloss
acrossthelinearregulatoroutputdeviceandVINquiescent
current.Inatypicalefficiencyplot,theefficiencycurveat
verylowloadcurrentscanbemisleadingsincetheactual
powerlostisoflittleconsequence.
1.TheVINquiescentcurrentlossinthebuckisduetotwo
components:theDCbiascurrentasgivenintheElectrical
Characteristicsandtheinternalmainswitchandsynchro-
nousswitchgatechargecurrents.Thegatechargecurrent
resultsfromswitchingthegatecapacitanceoftheinternal
powerswitches.Eachtimethegateisswitchedfromhigh
tolowtohighagain,apacketofcharge,dQ,movesfrom
VINtoground.TheresultingdQ/dtisthecurrentoutof
VINthatistypicallylargerthantheDCbiascurrentand
Dc BIAS VOLTAGE (V)
3541 F08
20
0
–20
–40
–60
–80
–100
0
4
8
10
2
6
X5R
Y5V
BOTH cAPAcITORS ARE 1
µF,
10V, 0603 cASE SIZE
Figure 8. Change in Capacitor vs Bias Voltage
TEMPERATURE (
°c)
–50
–100
–80
–60
–40
–20
X5R
Y5V
20
–25
0
25
50
3541 F09
75
0
BOTH cAPAcITORS ARE 1
µF,
10V, 0603 cASE SIZE
Figure 9. Change in Capacitor vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com