Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3541 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3541
Description  High Efficiency Buck VLDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3541 Datasheet HTML 12Page - Linear Technology LTC3541 Datasheet HTML 13Page - Linear Technology LTC3541 Datasheet HTML 14Page - Linear Technology LTC3541 Datasheet HTML 15Page - Linear Technology LTC3541 Datasheet HTML 16Page - Linear Technology LTC3541 Datasheet HTML 17Page - Linear Technology LTC3541 Datasheet HTML 18Page - Linear Technology LTC3541 Datasheet HTML 19Page - Linear Technology LTC3541 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
LTC3541

3541fa
Dual Output Using Minimal External Components with VOUT2 Controlled by External Logic
Signal, Buck in Burst Mode Operation for High Efficiency Down to Low Load Currents
Dual Output Using Minimal External Components with VOUT1 Controlled by External Logic
Signal, Buck in Burst Mode Operation for High Efficiency Down to Low Load Currents
TYPICAL APPLICATIO S
SW
VIN
ENBUCK
BUCKFB
LVIN
ENVLDO
MODE
GND
LFB
LVOUT
PGND
LTC3541
VOUT2
1.8V
300mA
3541 TA04a
2.2
µH
10
µF
2.2
µF
22pF
VIN
3.2V TO 4.2V
154k
73k
165k
576k
VOUT1
2.5V
200mA
SW
VIN
ENBUCK
BUCKFB
LVIN
ENVLDO
MODE
GND
LFB
LVOUT
PGND
LTC3541
VOUT2
1.5V
300mA
3541 TA05a
2.2
µH
10
µF
2.2
µF
22pF
VIN
2.9V TO 4.2V
143k
115k
150k
412k
VOUT1
1.8V
200mA
VOUT
2V/DIV
LVOUT
2V/DIV
VIN
2V/DIV
IVOUT = 200mA
ILVOUT = 300mA
4ms/DIV
3541 TA04b
VOUT
2V/DIV
LVOUT
2V/DIV
VIN
2V/DIV
IVOUT = 200mA
ILVOUT = 30mA
4ms/DIV
3541 TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com