Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3541 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3541
Description  High Efficiency Buck VLDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3541 Datasheet HTML 2Page - Linear Technology LTC3541 Datasheet HTML 3Page - Linear Technology LTC3541 Datasheet HTML 4Page - Linear Technology LTC3541 Datasheet HTML 5Page - Linear Technology LTC3541 Datasheet HTML 6Page - Linear Technology LTC3541 Datasheet HTML 7Page - Linear Technology LTC3541 Datasheet HTML 8Page - Linear Technology LTC3541 Datasheet HTML 9Page - Linear Technology LTC3541 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3541

3541fa
TYPICAL PERFOR A CE CHARACTERISTICS
VLDO Load Step from
100mA to 300mA
Linear Regulator to VLDO
Transient Step, Load = 1mA
Linear Regulator to VLDO
Transient Step, Load = 30mA
LVOUT
20mV/DIV
AC COUPLED
ILOAD
250mA/DIV
VIN = 3.6V
LVOUT = 1.5V
ILOAD = 100mA TO 300mA
400
µs/DIV
3541 G19
LVOUT
10mV/DIV
AC COUPLED
ILOAD
50mA/DIV
VIN = 3.6V
LVOUT = 1.5V
ILOAD = 1mA
40
µs/DIV
3541 G20
LVOUT
10mV/DIV
AC COUPLED
ILOAD
50mA/DIV
VIN = 3.6V
LVOUT = 1.5V
ILOAD = 30mA
40
µs/DIV
3541 G21
VLDO to Linear Regulator
Transient Step, Load = 1mA
VLDO to Linear Regulator
Transient Step, Load = 30mA
LVOUT
10mV/DIV
AC COUPLED
ILOAD
50mA/DIV
VIN = 3.6V
LVOUT = 1.5V
ILOAD = 1mA
40
µs/DIV
3541 G22
LVOUT
10mV/DIV
AC COUPLED
ILOAD
50mA/DIV
VIN = 3.6V
LVOUT = 1.5V
ILOAD = 30mA
40
µs/DIV
3541 G23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com