Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805SW/ES Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MOR2805SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR2805SW/ES Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button MOR2805SW/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 7 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
SINGLE OUTPUT MODELS
MOR283R3S
MOR2805S
MOR286R3S
MOR289R5S
PARAMETER
CONDITION
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
3.25
3.30
3.35
4.95
5.00
5.05
6.24
6.30
6.36
9.40
9.50 9.60
VDC
OUTPUT CURRENT
VIN = 16 to 40 VDC
0
—
20
0
—
20
0
—
16
0
—
11
A
OUTPUT POWER
VIN = 16 to 40 VDC
0
—
66
0
—
100
0
—
100
0
—
105
W
OUTPUT RIPPLE
10 kHz - 20 MHz
VOLTAGE
Tc = –55°C to +125°C
—
30
80
—
30
80
—
75
100
—
75
120
mV p-p
10 kHz - 2 MHz
Tc = –55°C to +125°C
—
20
50
—
20
50
—
50
60
—
50
80
LINE REGULATION
VIN = 16 to 40 VDC
—
0
20
—
0
20
—
0
20
—
0
20
mV
LOAD REGULATION
NO LOAD TO FULL
—
0
20
—
0
20
—
0
20
—
0
30
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 ms1
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
70
130
—
70
130
—
70
130
—
70
130
mA
INHIBITED - INH1
—
—
10
—
—
10
—
—
10
—
—
10
mA
INHIBITED - INH2
—
—
70
—
—
70
—
—
70
—
—
70
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
—
40
90
—
50
130
—
50
100
—
50
130
mA pp
EFFICIENCY
74
78
—
78
81
—
81
83
—
81
84
—
%
LOAD FAULT
POWER DISSIPATION
OVERLOAD
—
27
—
—
30
—
—
30
—
—
30
—
W
SHORT CIRCUIT2
—
—
22
—
—
27
—
—
24
—
—
24
RECOVERY1
—
—
10
—
—
10
—
—
10
—
—
10
ms
STEP LOAD RESP.
50% – 100% – 50%
TRANSIENT
—
—
250
—
—
250
—
—
500
—
—
500
mV pk
RECOVERY3
—
—
200
—
—
200
—
—
300
—
—
300
μs
STEP LINE RESP.
16 – 40 – 16 VDC
TRANSIENT1, 4
—
—
400
—
—
400
—
—
500
—
—
500
mV pk
RECOVERY1, 3
—
—
300
—
—
300
—
—
300
—
—
300
μs
START-UP5
DELAY
—
—
10
—
—
10
—
—
10
—
—
10
ms
OVERSHOOT1
—
0
25
—
0
50
—
0
50
—
0
50
mV pk
INHIBIT PIN CURRENT1
UNIT INHIBITED
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
mA
CAPACITIVE LOAD1
NO EFFECT ON DC
PERFORMANCE
—
—
1000
—
—
1000
—
—
1000
—
—
1000
μF
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
Notes:
1. Guaranteed by design, not tested.
2. Short circuit is measured with a 10 m
Ω (±10%)resisitive load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 μs
5. Tested on release from inhibit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com