Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805SW/ES Datasheet(PDF) 10 Page - Crane Aerospace & Electronics.

Part # MOR2805SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR2805SW/ES Datasheet(HTML) 10 Page - Crane Aerospace & Electronics.

Back Button MOR2805SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 12Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 13Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 14Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 10 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
FIGURE 17
FIGURE 19
16V
28V
40V
10.5
105
52.5
50
60
70
80
90
Output Power (Watts)
MOR289R5S Efficiency
16V
28V
40V
12
120
60
50
60
70
80
90
Output Power (Watts)
MOR2815S Efficiency
16V
28V
40V
6.6
66
33
50
60
70
80
90
Output Power (Watts)
MOR283R3S Efficiency
FIGURE 14
Output Power (Watts)
MOR2805S Efficiency
16V
28V
40V
10
100
50
50
60
70
80
90
FIGURE 15
16V
28V
40V
11
110
55
50
60
70
80
90
Output Power (Watts)
MOR2812S Efficiency
FIGURE 18
FIGURE 16
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR286R3S Efficiency
16V
28V
40V
6.6
66
33
50
60
70
80
90
Output Power (Watts)
MOR283R3D Efficiency
FIGURE 20
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR2805D Efficiency
FIGURE 21
FIGURE 22
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR286R3D Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com