Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOR2805SW/ES Datasheet(PDF) 9 Page - Crane Aerospace & Electronics.

Part # MOR2805SW/ES
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR2805SW/ES Datasheet(HTML) 9 Page - Crane Aerospace & Electronics.

Back Button MOR2805SW/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 12Page - Crane Aerospace & Electronics. MOR2805SW/ES Datasheet HTML 13Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 9 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
DUAL OUTPUT MODELS
MOR286R3D
MOR289R5D
MOR2812D
MOR2815D
PARAMETER
CONDITIONS
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE5
+VOUT
6.24
6.30
6.36
9.41
9.50
9.58
11.88 12.00 12.12
14.85 15.00 15.15
VDC
–VOUT
6.22
6.30
6.38
9.36
9.50
9.63
11.82 12.00 12.18
14.77 15.00 15.23
OUTPUT CURRENT6
VIN = 16 to 40 VDC
—
±8
16
—
±5.53 11.05
—
±4.58 9.16
—
±4.00 8.00
A6
OUTPUT POWER
VIN = 16 to 40 VDC
—
—
100
—
—
105
—
—
110
—
—
120
W
OUTPUT RIPPLE
10 kHz - 20 MHz
VOLTAGE
Tc = –55°C to +125°C
—
50
100
—
75
120
—
75
120
—
75
150
mV p-p
+VOUT / –VOUT
10 kHz - 2 MHz
Tc = –55°C to +125°C
—
30
60
—
50
80
—
50
100
—
50
120
LINE REGULATION
+VOUT
—
25
50
—
25
50
—
25
50
—
25
50
mV
VIN = 16 to 40 VDC
–VOUT
—
50
160
—
50
100
—
50
100
—
50
100
LOAD REGULATION
+VOUT
—
25
50
—
25
50
—
25
50
—
25
50
mV
–VOUT
—
50
200
—
50
200
—
50
200
—
50
200
CROSS REGULATION7
NEGATIVE VOUT
—
5
8
—
47
—
3
5
—
24
%
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 120 msec1
—
—
50
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
70
140
—
70
140
—
70
140
—
70
140
mA
INHIBITED - INH1
—
—
10
—
—
10
—
—
10
—
—
10
mA
INHIBITED - INH2
—
—
70
—
—
60
—
—
70
—
—
70
INPUT RIPPLE
10 kHz - 20 MHz
CURRENT
Tc = –55°C to +125°C
—
—
130
—
—
130
—
—
130
—
—
130
mA p-p
EFFICIENCY
81
83
—
82
84
—
84
86
—
85
87
—
%
LOAD FAULT
POWER DISSIPATION
OVERLOAD
—
30
—
—
30
—
—
30
—
—
30
—
W
SHORT CIRCUIT2
—
—
24
—
—
24
—
—
24
—
—
20
RECOVERY1
—
—
10
—
—
10
—
—
10
—
—
10
ms
STEP LOAD RESP.
50% – 100% — 50%
±VOUT
TRANSIENT
—
—
500
—
—
500
—
—
600
—
—
600
mV pk
RECOVERY3
—
—
300
—
—
300
—
—
300
—
—
300
μs
STEP LINE RESP.
16 – 40 – 16 VDC
±VOUT
TRANSIENT1, 4
—
—
500
—
—
600
—
—
600
—
—
750
mV pk
RECOVERY1, 3
—
—
300
—
—
300
—
—
300
—
—
300
μs
START-UP8
DELAY
—
—
10
—
—
10
—
—
10
—
—
10
ms
OVERSHOOT1
—
—
50
—
—
50
—
—
50
—
—
50
mV pk
INHIBIT PIN CURRENT1
UNIT INHIBITED
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
—
0.1
1.0
mA
CAPACITIVE LOAD1
NO EFFECT ON DC
PERFORMANCE
—
—
1000
—
—
1000
—
—
1000
—
—
1000
μF
Notes:
1. Guaranteed by design, not tested.
2. Short circuit is measured with a 10 m
Ω (±10%)resisitive load.
3. Time to settle to within 1% of Vout.
4. Transition time > 10 μs
5. Output voltage for dual output models is measured at half load.
6. The maximum specification is the total output current/power. Up to 70%
of that total is available from either output provided the other output
maintains a minimum of 15% the total power used.
7. Effect on negative Vout from 50%/50% loads to 70%/30% or 30%/70%
loads.
8. Tested on release from inhibit.
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com