Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN28837FS Datasheet(PDF) 17 Page - Texas Instruments

Part # SN28837FS
Description  1/2-INCH PAL TIMER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28837FS Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN28837FS Datasheet HTML 10Page - Texas Instruments SN28837FS Datasheet HTML 11Page - Texas Instruments SN28837FS Datasheet HTML 12Page - Texas Instruments SN28837FS Datasheet HTML 13Page - Texas Instruments SN28837FS Datasheet HTML 14Page - Texas Instruments SN28837FS Datasheet HTML 15Page - Texas Instruments SN28837FS Datasheet HTML 16Page - Texas Instruments SN28837FS Datasheet HTML 17Page - Texas Instruments SN28837FS Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SN28837
1/2-INCH PAL TIMER
SOCS031B – JULY 1991
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL DATA
This plastic package consists of a circuit mounted on a lead frame and encapsulated within an electrically
nonconductive plastic compound. The compound withstands soldering temperatures with no deformation, and circuit
performance characteristics remain stable when operated in high-humidity conditions. The package is intended for
surface mounting, and leads are spaced on 1,0-mm centers with a 0,8-mm foot length. Leads require no additional
cleaning or processing when used in soldered assembly.
Index Corner
FS060
ALL LINEAR DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES
15
16
60
1
15,0 (0.591) NOM
Detail A
0
° – 12°
See Detail A
Chamfer
18,2 (0.717)
17,4 (0.685)
0,65 (0.026)
0,45 (0.018)
14,2 (0.559)
13,8 (0.543)
31
45
0,20 (0.008)
0,10 (0.004)
1,4 (0.055)
0,8 (0.031)
0,10 (0.004) MIN
Seating Plane
Designation per JEDEC Std 30:
PQFP-G44
2,1 (0.083)
1,9 (0.075)
46
30
0,95 (0.037)
0,65 (0.026)
(44 pin used for illustration to save space)
7/94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com