| Electronic Components Datasheet Search |
|
HC210W Datasheet(PDF) 16 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
HC210W Datasheet(HTML) 16 Page - Altera Corporation |
|
16 / 228 page ![]() 2–8 Altera Corporation Preliminary September 2008 HardCopy Series Handbook, Volume 1 Dynamic mode switching allows the designer to set up each Stratix II DSP block to dynamically switch between the following three modes: ■ Up to four 18-bit independent multipliers ■ Up to two 8-bit multiplier-accumulators ■ One 36-bit multiplier Each half of a Stratix II DSP block has separate mode control signals. Since DSP block functions are implemented in HardCopy II devices using HCells, HardCopy II devices do not support dynamic mode switching. If this feature is used, the Quartus II software flags the DSP implementation and does not allow you to migrate the design. The fitter reports that all HardCopy II devices are not compatible with the design. To migrate your Stratix II design to a HardCopy II companion device, disable dynamic switching in the DSP blocks. f For more information on the Stratix II DSP operational modes, refer to the Stratix II Device Handbook. Embedded Memory HardCopy II memory blocks can implement various types of memory with or without parity, including true dual-port, simple dual-port, and single-port RAM, ROM, and FIFO buffers. HardCopy II devices support the same memory functions and features as Stratix II FPGAs. Functionally, the memory in both devices are identical. However, the number of available memory blocks differs based on density (Table 2–3). Since device functionality is fixed in HardCopy II devices, M4K block contents cannot be preloaded or initialized with a MIF when they are configured as RAM. When the M4K blocks are used as ROM, they will initialize to the design’s ROM contents. When using the non-registered outputs mode for the HardCopy II M4K memory block, the outputs power up uninitialized. When using the registered outputs mode for the HardCopy II M4K memory blocks, the Table 2–3. HardCopy II Embedded Memory Resources Feature HC210W HC210 HC220 HC230 HC240 M4K RAM blocks (4 Kbits) 190 190 408 614 768 M-RAM blocks (512 Kbits) 0 0 2 6 9 Total RAM bits (bits) 875,520 875,520 3,059,712 6,368,256 8,847,360 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |