Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT21 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # ANT21
Description  CIT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANT21 Datasheet(HTML) 2 Page - CIT Relay & Switch

  ANT21 Datasheet HTML 1Page - CIT Relay & Switch ANT21 Datasheet HTML 2Page - CIT Relay & Switch ANT21 Datasheet HTML 3Page - CIT Relay & Switch ANT21 Datasheet HTML 4Page - CIT Relay & Switch ANT21 Datasheet HTML 5Page - CIT Relay & Switch ANT21 Datasheet HTML 6Page - CIT Relay & Switch ANT21 Datasheet HTML 7Page - CIT Relay & Switch ANT21 Datasheet HTML 8Page - CIT Relay & Switch ANT21 Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.citswitch.com
page
116
phone – 763.535.2339 fax – 763.535.2194
TOGGLE SWITCH ORDERING INFORMATION
Series:
ANT
ANT
2
Number of Poles:
1 = SPDT
2 = DPDT
3 = 3PDT
4 = 4PDT
3
Switch Function:
1 = ON-NONE-ON
2 = ON-NONE-(ON)
3 = ON-OFF-ON
4 = (ON)-OFF-(ON)
5 = ON-OFF-(ON)
6 = ON-ON-ON ** See Three Way Wiring Section for Details
T
Actuator:
T = 5.08mm, Std
S = 10.41mm, Std
X = 13.97mm, Std
V = 16.26mm, Std
W = 21.34mm, Std
Y = 6.35mm, Flat Toggle **only available with AR1/AR2/AN1/AN2 bushings
F = 12.30mm, Flat Toggle **only available with AR1/AR2/AN1/AN2 bushings
G = 21.00mm, Flat Toggle **only available with AR1/AR2/AN1/AN2 bushings
K = 13.50mm, Flat Toggle **only available with AR1/AR2/AN1/AN2 bushings
Z = 12.37mm, Large Toggle **only available with BZ/BZR bushings
Z1 = 17.45mm, Large Toggle **only available with BZ/BZR bushings
LK = 14.73mm, Locking Toggle, Round Top **only available with K/K1 bushings
LK1 = 14.73mm, Locking Toggle, Flat Top **only available with K/K1 bushings
P(color) = 21.34mm, Plastic **See color choices in Actuator Option section
PX = 26.30mm, Plastic, Flat Toggle **only available with BZ/BZR bushings
M
Bushing:
E / E1 = 8.89mm, ¼-40NS / Non-Threaded, Keyway
F / F1 = 7.10mm, ¼-40NS / Non-Threaded, Keyway
J = 8.89mm, ¼-40NS, Flat
W = 8.89mm, M6P-0.75 (Metric), Keyway
H = 8.00mm, High Torque, ¼-40NS, Keyway
G = 7.52mm, High Torque, ¼-40NS, Flat
AR1 / AR2 = 7.55mm, Anti-Rotation, ¼-40NS / Non-Threaded, Keyway
AN1 / AN2 = 7.55mm, Anti-Rotation, ¼-40NS / Non-Threaded, Flat
BZ = 11.38mm, 15/32 -32NS, Keyway
BZR = 11.38mm, 15/32 -32NS, Keyway, with support insert
L = 7.55mm, ¼-40NS, Flat, Splash proof
K / K1 = 8.00mm, ¼-40NS / Non-Threaded, Keyway
**See Actuator Option section for bushing availability with various actuators
B
Terminals:
B = Solder Lug, C = PC Pin
**Wire wrap terminals available in various lengths, contact factory
D = Quick Connect
H = Horizontal Mount, Right Angle PC Pin; HS = Snap-in
V = Vertical Mount, Right Angle PC Pin; VS = Snap-in
S20 or S25 = PC Pin with Support Bracket; V20 or V25= Snap-in Support Bracket
S35 or S40 = PC Pin with Support Bracket; V35 or V40 = Snap-in Support Bracket
Q
Contacts:
Q = Silver Plated
R = Gold Plated
G = Gold over Silver Plated
E
Epoxy Seal: E = Epoxy Seal
Actuator Cover:
Blank = No Cover
S = for S, T, X, V, & W actuators
E = for E, F, J, & G bushings
Z = for BZ & BZR bushings
Actuator Cover Colors:
1 = White
2 = Black
3 = Red
** Color choices only available with S toggle cover
ANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com