Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT21 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # ANT21
Description  CIT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANT21 Datasheet(HTML) 1 Page - CIT Relay & Switch

  ANT21 Datasheet HTML 1Page - CIT Relay & Switch ANT21 Datasheet HTML 2Page - CIT Relay & Switch ANT21 Datasheet HTML 3Page - CIT Relay & Switch ANT21 Datasheet HTML 4Page - CIT Relay & Switch ANT21 Datasheet HTML 5Page - CIT Relay & Switch ANT21 Datasheet HTML 6Page - CIT Relay & Switch ANT21 Datasheet HTML 7Page - CIT Relay & Switch ANT21 Datasheet HTML 8Page - CIT Relay & Switch ANT21 Datasheet HTML 9Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.citswitch.com
page
115
phone – 763.535.2339 fax – 763.535.2194
•
Wide variety of applications from
consumer electronics to commercial
•
Standard epoxy sealed terminations
•
Gold contacts available for low power applications
•
Available support brackets for greater stability
•
Up to four poles with seven functions available
•
Anti-rotation feature on flat toggles
•
High torque bushing prevents separation
from frame during installation
•
Wide variety of terminal options
SPECIFICATIONS
Electrical Ratings
5A @ 120VAC, 28VDC; 2A @ 250VAC
See Contact Options
Electrical Life
50,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
Brass, Chrome Plated
Housing
DAP – Diallyl Phthalate
Cover
Stainless Steel
Bushing
Brass, Nickel Plated
Bracket
Brass, Tin Plated
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ANT
- E222871


Similar Part No. - ANT21

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ANT2112A010B0918A YAGEO-ANT2112A010B0918A Datasheet
708Kb / 7P
Ceramic Chip Antenna
More results

Similar Description - ANT21

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com