Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT21 Datasheet(PDF) 10 Page - CIT Relay & Switch

Part # ANT21
Description  CIT SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANT21 Datasheet(HTML) 10 Page - CIT Relay & Switch

Back Button ANT21 Datasheet HTML 3Page - CIT Relay & Switch ANT21 Datasheet HTML 4Page - CIT Relay & Switch ANT21 Datasheet HTML 5Page - CIT Relay & Switch ANT21 Datasheet HTML 6Page - CIT Relay & Switch ANT21 Datasheet HTML 7Page - CIT Relay & Switch ANT21 Datasheet HTML 8Page - CIT Relay & Switch ANT21 Datasheet HTML 9Page - CIT Relay & Switch ANT21 Datasheet HTML 10Page - CIT Relay & Switch ANT21 Datasheet HTML 11Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.citswitch.com
page
124
phone – 763.535.2339 fax – 763.535.2194
ANT
TERMINAL OPTIONS
Terminal
Option
“A”
Dimension
S35-V35
11.68
S40-V40
16.00
S40 (V40 – Snap-in Bracket) = PC Pins with Support Bracket (Three Pole)
Terminal
Option
“A”
Dimension
S35-V35
11.68
S40-V40
16.00
S40 (V40 – Snap-in Bracket) = PC Pins with Support Bracket (Four Pole)
CONTACT OPTIONS
Designator Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
5A @ 120VAC, 28VDC; 2A @ 250VAC
R
Gold over Nickel Plating
Gold over Nickel Plating
.4 VA max @ 20VAC or VDC max
G
Gold over Silver Plating
Gold over Silver Plating
.4 VA max @ 20VAC or VDC max or
5A @ 120VAC, 28VDC; 2A @ 250VAC
CAP OPTIONS
RUBBER TOGGLE COVER
S_
SEALED BOOT
E
SEALED BOOT
Z
** For use with S, T, X, V, & W actuators
1 = White, 2 = Black, 3 = Red
** For use with E, F, J, & G bushings only.
Black color standard.
** For use with BZ & BZR bushings only. Black
color standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com