Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-082ASTY Datasheet(PDF) 11 Page - ZETTLER Electronics

Part # AC-082ASTY
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASTY Datasheet(HTML) 11 Page - ZETTLER Electronics

Back Button AC-082ASTY Datasheet HTML 7Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 8Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 9Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 10Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 11Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 12Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 13Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 14Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 15Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
9
INSTRUCTION SET
Code
Instruction
RS R/
W
D7 D6 D5 D4 D3 D2 D1 D0
Description
E.T.(fOSC
=270
KHZ)
Clear
Display
0
0
0
0
0
0
0
0
0
1 Write”20H” to DDRAM and set DDRAM
address to “00H” from AC
1.53 ms
Return
Home
0
0
0
0
0
0
0
0
1
-- Sets DD RAM address to “00H” from AC
and return cursor to its original position if
shifted. The contents of DDRAM are not
changed.
1.53 ms
Entry Mode
SET
0
0
0
0
0
0
0
1
I/D SH Assign cursor moving direction and enable
the shift of entire display.
39
µS
Display
ON/OFF
Control
0
0
0
0
0
0
1
D
C
B Set display (D), cursor (C), and blink of
cursor (B) on/off control bit.
39
µS
Cursor or
Display
Shift
0
0
0
0
0
1
S/
C
R/
L
--
-- Set cursor moving and display shift control
bit, and the direction, without changing of
DDRAM data.
39
µS
Function
Set
0
0
0
0
1
DL N
F
--
-- Sets interface data length (DL:8-bit/4-bit),
number of display lines (N:2-line/1-line)
and , display font type (F:5x11dots/5x8
dost).
39
µS
Set CG
RAM
Address
0
0
0
1
AC
5
AC
4
AC
3
AC
2
AC
1
AC
0
Sets CG RAM address in address counter.
39
µS
Set DD
RAM
Address
0
0
1 AC
6
AC
5
AC
4
AC
3
AC
2
AC
1
AC
0
Sets DD RAM address in address counter.
39
µS
Read Busy
Flag and
Address
0
1
BF AC
6
AC
5
AC
4
AC
3
AC
2
AC
1
AC
0
Whether during internal operation or not
can be known by reading BF. The contents
of address counter can also be read.
0
µS
Write Data
to RAM
1
0
D7 D6 D5 D4 D3 D2 D1 D0 Writes data into internal RAM (DD RAM
/CG RAM).
43
µS
Read Data
from RAM
1
1
D7 D6 D5 D4 D3 D2 D1 D0 Reads data from internal RAM (DD RAM
/CG RAM).
43
µS
* “--“ : don’t care
Note : When an MPU program with checking the Busy Flag(DB7) is made, it must be
necesssary1/2Fosc is necessary for executing the next instruction by the falling edge of the ‘E’
signal after the Busy Flag(DB7) goes to “LOW”.
Date : 2001/12/11
AMPIRE CO., LTD.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com