Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-082ASTY Datasheet(PDF) 14 Page - ZETTLER Electronics

Part # AC-082ASTY
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASTY Datasheet(HTML) 14 Page - ZETTLER Electronics

Back Button AC-082ASTY Datasheet HTML 10Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 11Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 12Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 13Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 14Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 15Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 16Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 17Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 18Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
13 QUALITY AND RELIABILITY
13.1 TEST CONDITIONS
Tests should be conducted under the following conditions :
Ambient temperature
:
25
± 5°C
Humidity
:
60
± 25% RH.
13.2 SAMPLING PLAN
Sampling method shall be in accordance with MIL-STD-105E , level II, normal
single sampling plan .
13.3 ACCEPTABLE QUALITY LEVEL
A major defect is defined as one that could cause failure to or materially reduce
the usability of the unit for its intended purpose. A minor defect is one that does not
materially reduce the usability of the unit for its intended purpose or is an infringement from
established standards and has no significant bearing on its effective use or operation.
13.4 APPEARANCE
An appearance test should be conducted by human sight at approximately 30 cm
distance from the LCD module under flourescent light. The inspection area of LCD panel
shall be within the range of following limits.
Date : 2001/12/11
AMPIRE CO., LTD.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com