Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-082ASTY Datasheet(PDF) 16 Page - ZETTLER Electronics

Part # AC-082ASTY
Description  SPECIFICATIONS FOR LCD MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AC-082ASTY Datasheet(HTML) 16 Page - ZETTLER Electronics

Back Button AC-082ASTY Datasheet HTML 10Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 11Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 12Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 13Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 14Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 15Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 16Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 17Page - ZETTLER Electronics AC-082ASTY Datasheet HTML 18Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
13.6 RELIABILITY
Test Conditions
Test Item
Normal Temp. type
Extended Temp. type
Note
High Temperature Operation
50
±3°C , t=96 hrs
70
±3°C , t=96 hrs
Low Temperature Operation
0
±3°C , t=96 hrs
-20
±3°C , t=96 hrs
High Temperature Storage
70
±3°C , t=96 hrs
80
±3°C , t=96 hrs
1,2
Low Temperature Storage
-20
±3°C , t=96 hrs
-30
±3°C , t=96 hrs
1,2
Thermal Shock Test
-20
°C ~ 25°C ~ 70°C
30 m in.
5 min.
30 min.
( 1 cycle )
Total 5 cycle
-30
°C ~ 25°C ~ 80°C
30 min.
5 min.
30 min.
( 1 cycle )
Total 5 cycle
1,2
Humidity Test
40
°C, Humidity 90%, 96 hrs
1,2
Vibration Test (Packing)
Sweep frequency : 10 ~ 55 ~ 10 Hz/1min
Amplitude : 0.75mm
Test direction : X.Y.Z/3 axis
Duration : 30min/each axis
2
Note 1 : Condensation of water is not permitted on the module.
Note 2 : The module should be inspected after 1 hour storage in normal conditions
(15-35°C , 45-65%RH).
Definitions of life end point :
Current drain should be smaller than the specific value.
Function of the module should be maintained.
Appearance and display quality should not have degraded noticeably.
Contrast ratio should be greater than 50% of the initial value.
Date : 2001/12/11
AMPIRE CO., LTD.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com