Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT-0TDC210 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # MAT-0TDC210
Description  MEMS Variable Optical Attenuators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MAT-0TDC210 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  MAT-0TDC210 Datasheet HTML 1Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 2Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 3Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 4Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 5Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(Specifications in mm unless otherwise noted.)
Dimensions Diagram: Micro MATT
3
MEMS VARIABLE OPTICAL ATTENUATORS
Typical attenuation and PDL profiles
for the normally open VOA over -5 °C,
25 °C and 75 °C
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
Drive Power (mW)
0
0.05
0.1
0.15
0.2
Attenuation at 25°C
Attenuation at -5°C
Attenuation at 75°C
PDL at 25°C
PDL at -5°C
PDL at 75°C
0
10
20
30
40
50
60
0
0.5
1
1.5
2.5
3
3.5
4
0
0.1
0.4
0.5
Applied Voltage (V)
MATT K2-578 Attenuation and PDL Versus Voltage
2
0.2
0.3
0.6
Attenuation
PDL
Typical attenuation and PDL profiles
of the normally closed VOA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com