Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT-0TDC210 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # MAT-0TDC210
Description  MEMS Variable Optical Attenuators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MAT-0TDC210 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  MAT-0TDC210 Datasheet HTML 1Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 2Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 3Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 4Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 5Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
MEMS VARIABLE OPTICAL ATTENUATORS
Specifications
Parameter
Normally Open
Normally Closed
Recommended method of operation
Constant power
Constant voltage
Operating wavelength range
C band
1525 to 1575 nm
1525 to 1575 nm
L band
1570 to 1610 nm
1570 to 1610 nm
Attenuation range
25 dB
40 dB
Insertion loss1
BOL
Maximum
0.8 dB (0.5 dB typical)
0.9 dB (0.7 dB typical)
EOL
Maximum
1.0 dB
1.1 dB
Tuning speed2
20 ms
20 ms
Optical power handling
24 dBm
24 dBm
Wavelength dependence3
Flatness
Maximum
0.3 dB (0.2 dB typical)
0.5 dB (0.3 dB typical)
Ripple
Maximum
0.15 dB (0.08 dB typical)
0.15 dB (0.08 dB typical)
Polarization dependence loss1, 3
0 to 10 dB
Maximum
0.1 dB (0.06 dB typical)
0.1 dB (0.06 dB typical)
10 to 20 dB
Maximum
0.2 dB (0.12 dB typical)
0.2 dB (0.12 dB typical)
20 to 30 dB
Maximum
-
0.3 dB (0.22 dB typical)
Temperature dependence of attenuation4
at IL
Maximum
±0.3 dB (<0.1 dB typical)
±0.3 dB (<0.1 dB typical)
at 10 dB
Maximum
±0.5 dB (±0.2 dB typical)
±1.2 dB (±0.5 dB typical)
at 20 dB
Maximum
±0.7 dB (±0.3 dB typical)
±1.2 dB (±0.5 dB typical)
at 30 dB
Maximum
-
±1.2 dB (±0.5 dB typical)
Repeatability
Maximum
0.1 dB
0.1 dB
Return loss1
Minimum
50 dB
45 dB
Drive voltage2
Maximum
6 V DC
5 V DC
Device resistance
Maximum
240
Ω
200
Ω
Peak power consumption2
150 mW (120 mW typical)
150 mW (120 mW typical)
Fiber type
9/125/250 Corning SMF-28
9/125/250 Corning SMF-28
Fiber marking
Input port
Clear
Clear
Output port
Red
Red
Operating temperature
-5 to 75 °C
-5 to 75 °C
Reliability qualification
Telcordia 1209 and 1221
Telcordia 1209 and 1221
1. Excluding connectors.
2. For full dynamic range.
3. Over 0-20 dB attenuation for normally open, 0-30 dB attenuation for normally closed, at 1550nm.
4. Relative to 23±3 °C; under constant drive power for normally open; under constant drive voltage for normally closed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com