Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT-0TDC210 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # MAT-0TDC210
Description  MEMS Variable Optical Attenuators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MAT-0TDC210 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  MAT-0TDC210 Datasheet HTML 1Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 2Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 3Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 4Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 5Page - JDS Uniphase Corporation MAT-0TDC210 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Typical insertion loss distribution data
for normally open VOA
4
MEMS VARIABLE OPTICAL ATTENUATORS
Typical robustness of the design
⎯
~0.15 dB attenuation change after 10
million cycle dynamic load test on the
normally closed VOA
Typical averaged wavelength
dependence variation across C and L
bands at ~ 10 dB attenuation setting
-10.3
-10.2
-10.1
-10.0
-9.9
-9.8
-9.7
1520
1540
1560
1600
1620
1640
Wavelength (nm)
Wavelength Dependent Loss at 10 dB Attenuation
1580
0.0
5.0
10.0
15.0
20.0
25.0
less than
0.25
0.25 to
0.3
0.3 to
0.35
0.35 to
0.4
0.4 to
0.45
0.45 to
0.5
0.5 to
0.55
0.55 to
0.6
0.6 to
0.65
0.65 to
0.7
0.7 to
0.75
0.75 to
0.8
more
than 0.8
Insertion Loss Range (dB)
-0.10
-0.05
0.00
0.05
0.10
0.15
05
10
15
25
30
35
55
Attenuation (dB)
Device Held at 75 °C. Legend is in thousands of cycles.
20
40
45
50
25
100
250
500
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com