Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1815 Datasheet(PDF) 18 Page - A1 PROs co., Ltd.

Part # IMP1815
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1815 Datasheet(HTML) 18 Page - A1 PROs co., Ltd.

Back Button IMP1815 Datasheet HTML 14Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 15Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 16Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 17Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 18Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 19Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 20Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 21Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 22Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
4
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP1
IMP1881155
Application Information
Operation – Power Monitor
The IMP1815 detects out-of-tolerance power supply conditions. It
resets a processor during power-up, power-down and issues a
reset to the system processor when the monitored power supply
voltage is below the reset threshold. When an out-of-tolerance VCC
voltage is detected, the RESET signal is asserted. On power-up,
RESET is kept active (LOW) for approximately 150ms after the
power supply voltage has reached the selected tolerance. This
allows the power supply and microprocessor to stabilize before
RESET is released.
Output Conditions
The IMP1815 active LOW reset signal is valid as long as VCC
remains above 1.2V. The RESET output on the IMP1815 uses a
push-pull drive stage that can maintain a valid output below 1.2V.
To sink current with VCC below 1.2V, a resistor can be connected
from the reset pin (RESET) to Ground (see Figure 1). This
configuration will give a valid value on the RESET output with
VCC approaching 0V. During both power up and down, this con-
figuration will draw current when RESET is in the high state. A
value of 100k
Ω should be adequate to maintain a valid condition.
IMP1815
Microprocessor
RESET
100k
RESET
1815_06.eps
Figure 1. RESET Valid to 0V VCC
Figure 2. Timing Diagram: Power-Up
Figure 3. Timing Diagram: Power-Down
VCCTP (MAX)
VCCTP
VCCTP (MIN)
VCC
RESET
tR
tRPU
VOH
1815_07.eps
VCCTP (MAX)
VCCTP
VCCTP (MIN)
VCC
RESET
tF
VOL
tRPD
1815_08.eps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com