Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1815 Datasheet(PDF) 19 Page - A1 PROs co., Ltd.

Part # IMP1815
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1815 Datasheet(HTML) 19 Page - A1 PROs co., Ltd.

Back Button IMP1815 Datasheet HTML 15Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 16Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 17Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 18Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 19Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 20Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 21Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 22Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 23Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
Applications
x
Set-top boxes
x
Cellular phones
x
PDAs
x
Energy management systems
x
Embedded control systems
x
Printers
x
Single board computers
x
Improved Dallas DS1816 replacement
— Over 70% lower maximum supply current
x
Low Supply Current
— 20µA maximum (5.5V)
— 15µA maximum (3.6V)
x
Automatically restarts a microprocessor after
power failure
x
150ms reset delay after VCC returns to an
in-tolerance condition
x
Active LOW power-up reset
x
Precision temperature-compensated voltage
reference and comparator
x
Eliminates external components
x
Low-cost TO-92 package
x
Compact surface mount SOT-23 package
x
Operating temperature –40
°C to +85°C
Block Diagram
–
+
1816_01.eps
VCC
1
RESET
GND
3
2
5.5k
Ω
Supply
Tolerance
Bias
IMP1816
Delay
150ms Typical
Reference
IMP1
IMP1881166
POWER MANAGEMENT
Lo
Low P
w Po
ow
wer
er, 3.3V/3.0V
, 3.3V/3.0V µ
µP R
P Reset
eset
– A
– Activ
ctive L
e LO
OW
W, Open-Dr
, Open-Drain Output
ain Output
The IMP1816 supply voltage monitor is an improved, low-power
replacement for the Dallas Semiconductor DS1816. Maximum supply
current over temperature is a low 15
µA, representing over 50 percent
lower power as compared to the DS1816.
The IMP1816 issues an active LOW reset signal whenever the monitored
supply is out-of-tolerance. A precision reference and comparator circuit
monitor power supply (VCC) level. Tolerance level options are 5-, 10- and
20-percent. When an out-of-tolerance condition is detected, an internal
power-fail signal is generated which forces an active LOW reset signal.
After VCC returns to an in-tolerance condition, the reset signal remains
active for 150ms to allow the power supply and system microprocessor
to stabilize.
The IMP1816 is designed with a open-drain output stage and operates
over the extended industrial temperature range. Devices are available in
compact surface mount SOT-23 packages and 3-lead TO-92 packages.
Other low power products in this family include the IMP1810/11/12/15/17,
IMP1233D and IMP1233M.
Typical Application
IMP1816
Microprocessor
RESET
RESET
1816_02.eps
VCC
GND
t
r
a
P
e
g
a
t
l
o
V
T
E
S
E
R
)
V
(
e
m
i
T
T
E
S
E
R
)
s
m
(
t
u
p
t
u
O
e
g
a
t
S
T
E
S
E
R
y
t
i
r
a
l
o
P
0
1
8
1
P
M
I0
2
1
.
4
,
0
7
3
.
4
,
0
2
6
.
40
5
1ll
u
P
-
h
s
u
PW
O
L
1
1
8
1
P
M
I0
3
1
.
4
,
0
5
3
.
4
,
0
2
6
.
40
5
1n
i
a
r
D
-
n
e
p
OW
O
L
2
1
8
1
P
M
I0
3
1
.
4
,
0
5
3
.
4
,
0
2
6
.
40
5
1ll
u
P
-
h
s
u
PH
G
I
H
5
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1ll
u
P
-
h
s
u
PW
O
L
6
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1n
i
a
r
D
-
n
e
p
OW
O
L
7
1
8
1
P
M
I0
5
5
.
2
,
0
8
8
.
2
,
0
6
0
.
30
5
1ll
u
P
-
h
s
u
PH
G
I
H
D
3
3
2
1
P
M
I5
2
1
.
4
,
5
7
3
.
4
,
5
2
6
.
40
5
3n
i
a
r
D
-
n
e
p
OW
O
L
M
3
3
2
1
P
M
I0
2
7
.
2
,
5
7
3
.
4
,
5
2
6
.
40
5
3n
i
a
r
D
-
n
e
p
OW
O
L
Family Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com