Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP1815 Datasheet(PDF) 28 Page - A1 PROs co., Ltd.

Part # IMP1815
Description  Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP1815 Datasheet(HTML) 28 Page - A1 PROs co., Ltd.

Back Button IMP1815 Datasheet HTML 24Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 25Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 26Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 27Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 28Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 29Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 30Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 31Page - A1 PROs co., Ltd. IMP1815 Datasheet HTML 32Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Pin Configuration
IMP1
IMP1233D
233D
Pin Descriptions
IMP1233D-X
RESET
VCC
GND
1
2
3
GND
4
1233D_03.eps
Package Marking Code
Ordering Information
1233D_04.eps
123
IMP1233D-X
SOT-223
TO-92*
1233D_05a.eps
1
24
3
A
B
C
D
e
g
a
k
c
a
P
e
d
o
C
r
e
t
t
e
L
t
r
a
P
e
p
y
T
e
g
a
k
c
a
P
e
d
o
C
r
e
t
t
e
L
t
e
s
e
R
e
c
n
a
r
e
l
o
T
ABC
D
33
D
D
3
3
2
1
P
M
IA
%
5
B%
0
1
C%
5
1
y
r
a
m
m
u
S
e
c
i
v
e
D
g
n
i
k
r
a
M
e
g
a
k
c
a
P
t
r
a
P
r
e
b
m
u
N
T
E
S
E
R
t
u
p
t
u
O
e
g
a
tl
o
V
)
V
(
T
E
S
E
R
e
c
n
a
r
e
l
o
T
)
%
(
T
E
S
E
R
e
m
i
T
)
s
m
(
e
g
a
t
S
t
u
p
t
u
O
*
2
9
-
O
T
e
g
a
k
c
a
P
*
*
3
2
2
-
T
O
S
e
g
a
k
c
a
P
T
E
S
E
R
y
ti
r
a
l
o
PA B C
D
*
*
*
n
i
a
r
D
-
n
e
p
Oll
u
P
-
h
s
u
P
%
5
=
A
%
0
1
=
B
%
5
1
=
C
5
-
D
3
3
2
1
P
M
I5
2
6
.
45
0
5
3X
X
W
O
L
0
1
-
D
3
3
2
1
P
M
I5
7
3
.
40
10
5
3X
X
W
O
L
5
1
-
D
3
3
2
1
P
M
I5
2
1
.
45
10
5
3X
X
W
O
L
5
-
Z
D
3
3
2
1
P
M
I5
2
6
.
45
0
5
3X
X
W
O
L3
3
D
A
0
1
-
Z
D
3
3
2
1
P
M
I5
7
3
.
40
10
5
3X
X
W
O
L3
3
D
B
5
1
-
Z
D
3
3
2
1
P
M
I5
2
1
.
45
10
5
3X
X
W
O
L3
3
D
C
s
p
e
.
3
0
t
_
D
3
3
2
1
* Add /S to Part Number for straight (unformed) leads. (ie. IMP18xx-x/S)
** Add /T to Part Number for Tape and Reel. (ie. IMP18xx-x/T)
*
** Internal 5k
Ω resistor pull up.
s
r
e
b
m
u
N
n
i
P
e
m
a
Nn
o
it
c
n
u
F
3
2
2
-
T
O
S2
9
-
O
T
11
D
N
Gd
n
u
o
r
G
22
T
E
S
E
Rt
u
p
t
u
o
t
e
s
e
r
W
O
L
e
v
i
t
c
A
33
V C
C
t
u
p
n
i
y
l
p
p
u
s
r
e
w
o
P
4—
D
N
G)
y
l
n
O
3
2
2
-
T
O
S
(
d
n
u
o
r
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com