Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5111CDP Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP5111CDP
Description  9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5111CDP Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP5111CDP Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2002 IMP, Inc.
Data Communications
5
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
6
1
(
O
S
A3
5
0
.
09
6
0
.
05
3
.
15
7
.
1
1
A4
0
0
.
00
1
0
.
00
1
.
05
2
.
0
B4
1
0
.
08
1
0
.
05
3
.
06
4
.
0
C7
0
0
.
00
1
0
.
09
1
.
05
2
.
0
D5
8
3
.
04
9
3
.
08
7
.
91
0
.
0
1
E0
5
1
.
08
5
1
.
01
8
.
31
0
.
4
eC
S
B
0
5
0
.
0C
S
B
7
2
.
1
H8
2
2
.
04
4
2
.
09
7
.
50
2
.
6
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
M
°
0
°
8
°
0
°
8
)
n
i
P
-
4
2
(
P
O
S
S
T
A2
3
0
.
01
4
0
.
00
8
.
05
0
.
1
B7
0
0
.
02
1
0
.
09
1
.
00
3
.
0
C5
3
0
0
.
01
7
0
0
.
09
0
.
00
8
1
.
0
D3
0
3
.
01
1
3
.
00
7
.
70
9
.
7
E9
6
1
.
06
7
1
.
00
3
.
48
4
.
4
FC
S
B
5
2
0
.
0C
S
B
5
6
.
0
G2
0
0
.
05
0
0
.
05
0
.
05
1
.
0
H
—
3
3
4
0
.
0
—
0
1
.
1
L0
2
0
.
08
2
0
.
00
5
.
00
7
.
0
M
°
0
°
8
°
0
°
8
P6
4
2
.
06
5
2
.
05
2
.
60
5
.
6
C
A
2
1
0
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
3
t
a
.
6
0
t
_
2
1
1
5
/
1
1
1
5
H
E
eB
D
A1
A
L
M
C
16-Pin (SO).eps
SO (16-Pin)
3
2
1
EP
D
SEATING PLANE B
G
A H
F
E
L
24-Pin (TSSOP).eps
C
M
TSSOP (24-Pin)
Package Dimensions
IMP5
IMP511111/5
1/5111122
IMP5
IMP511111/5
1/5111122



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com