Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5111CDP Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # IMP5111CDP
Description  9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5111CDP Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  IMP5111CDP Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
408-432-9100/www.impweb.com
© 2002 IMP, Inc.
Application Information
IMP5111/IMP5112 Maximizes Line Current
Cable transmission theory suggests to optimize signal speed and
quality, the termination should act both as an ideal voltage refer-
ence when the line is released (deasserted) and as an ideal
current source when the line is active (asserted). Common active
terminators which consist of linear regulators in series with resis-
tors (typically 110
Ω) are a compromise. With coventional linear
terminators as the line voltage increases the amount of current
decreases linearly by the equation;
The IMP5111/5112, with their unique architecture, applies the
maximum amount of current regardless of line voltage until the
termination high threshold (2.85V) is reached.
Disable /Sleep Mode
The IMP5111 has an active LOW disconnect pin, and the IMP5112
has an active HIGH disconnect pin. The disable mode is entered
if the disconnect pin on either device is left open.
When disabled the termination lines are in a high impedance
state, and the power supply current drops to 275
µA typically. The
disable mode can be used to save power or completely eliminate
the terminator from the SCSI bus.
Disabled terminators appear as distributed capacitance on the
bus. The IMP5111/5112 have been optimized to have only 3pF of
capacitance per output when in the disabled mode.
The IMP5111/5112 are compatible with active negation drivers.
The devices will handle up to 60mA of sink current for drivers
which exceed the 2.85V output high level
.
VV
R
I
REF
LINE
−
()
= .
Figure 3.
5111/5112_03.eps
1 Meter, AWG 28
IMP5111
IMP5112
Receiver
Driver
IMP5111
IMP5112
Figure 1. Receiving Waveform – 20MHz
Figure 2. Driving Waveform – 20MHz
1
1
1
5
P
M
I
T
C
E
N
N
O
C
S
I
D
2
1
1
5
P
M
I
T
C
E
N
N
O
C
S
I
D
s
t
u
p
t
u
Ot
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
HL
d
e
l
b
a
n
EA
m
6
LH
e
c
n
a
d
e
p
m
I
h
g
i
H
/
d
e
l
b
a
s
i
D5
7
2
µA
n
e
p
On
e
p
Oe
c
n
a
d
e
p
m
I
h
g
i
H
/
d
e
l
b
a
s
i
D5
7
2
µA
s
p
e
.
a
4
0
t
_
2
1
1
5
/
1
1
1
5
Table 1. Power Up/ Power Down Function Table
IMP5
IMP511111/5
1/5111122
IMP5
IMP511111/5
1/5111122



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com