Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5111CDP Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP5111CDP
Description  9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5111CDP Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP5111CDP Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5111CDP Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Key Features
x
Ultra-Fast response for Fast-20 SCSI applications
x
35MHz channel bandwidth
x
3.3V operation
x
Less than 3pF output capacitance
x
Sleep-mode current less than 275µA
x
Thermally self limiting
x
No external compensation capacitors
x
Implements 8-bit or 16-bit (wide) applications
x
Compatible with active negation drivers
(60mA/channel)
x
Compatible with passive and active terminations
x
Approved for use with SCSI 1, 2, 3 and UltraSCSI
x
Hot swap compatible
x
Pin-for-pin compatible with LX5211 and
UC5606 (IMP5111)
x
Pin-for-pin compatible with LX5212 and
UC5603/5613/5614 (IMP5112)
Block Diagrams
–
+
Current
Biasing
Circuit
Thermal
Limiting
Circuit
24mA Current
Limiting Circuit
Term Power
DATA OUTPUT
PIN DB (0)
1 of 9 Channels
DISCONNECT (IMP5111)
DISCONNECT (IMP5112)
1.4V
2.85V
5111/5112_01.eps
9-Line SCSI T
9-Line SCSI Ter
erminat
minator
or
– 35MHz Channel Bandwidt
– 35MHz Channel Bandwidth
h
The 9-channel IMP5111/5112 SCSI terminator is part of IMP's family
of high-performance SCSI terminators that deliver true UltraSCSI per-
formance. The BiCMOS design offers superior performance over first
generation linear regulator/resistor based terminators.
IMP's new architecture employs high-speed adaptive elements for each
channel, thereby providing the fastest response possible - typically
35MHz, which is 100 times faster than the older linear regulator termi-
nator approach. The bandwidth of terminators based on the older
regulator/resistor terminator architecture is limited to 500kHz since a
large output stabilization capacitor is required. The IMP architecture
eliminates the external output compensation capacitor and the need
for transient output capacitors while maintaining pin compatibility
with first generation designs. Reduced component count is inherent
with the IMP5111/5112.
The IMP5111/5112 architecture tolerates marginal system designs. A key
improvement offered by the IMP5111/5112 lies in its ability to insure
reliable, error-free communications even in systems which do not adhere
to recommended SCSI hardware design guidelines, such as improper
cable lengths and impedance. Frequently, this situation is not controlled
by the peripheral or host designer.
For portable and configurable peripherals, the IMP5111/5112 can be
placed in a sleep mode with a disconnect signal. Quiescent current is less
than 275
µA when disabled. When disabled, the outputs are in a high
impedance state with output capacitance less than 3pF.
© 2002 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP5
IMP511111/5
1/5111122
DATA COMMUNICATIONS
© 2002 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP5
IMP511111/5
1/5111122
DATA COMMUNICATIONS


Similar Part No. - IMP5111CDP

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5111CDP IMP-IMP5111CDP Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
IMP5111CDPT IMP-IMP5111CDPT Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
More results

Similar Description - IMP5111CDP

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5115 IMP-IMP5115 Datasheet
200Kb / 6P
9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
IMP5218 IMP-IMP5218 Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
IMP5219 IMP-IMP5219 Datasheet
294Kb / 10P
9--Liine SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP51115 A1PROS-IMP51115 Datasheet
205Kb / 6P
9--Liine SCSII Termiinattor
08/19/02
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5219 A1PROS-IMP5219 Datasheet
312Kb / 10P
9--Liine SCSII Termiinattor
07/31/00
IMP5225 A1PROS-IMP5225 Datasheet
210Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5226 A1PROS-IMP5226 Datasheet
154Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5245 A1PROS-IMP5245 Datasheet
123Kb / 5P
LVD SCSII Termiinattor
08/12/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com