Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-R18-10 Datasheet(PDF) 3 Page - Superworld Electronics

Part # C3-R18-10
Description  CERAMIC CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C3-R18-10 Datasheet(HTML) 3 Page - Superworld Electronics

  C3-R18-10 Datasheet HTML 1Page - Superworld Electronics C3-R18-10 Datasheet HTML 2Page - Superworld Electronics C3-R18-10 Datasheet HTML 3Page - Superworld Electronics C3-R18-10 Datasheet HTML 4Page - Superworld Electronics C3-R18-10 Datasheet HTML 5Page - Superworld Electronics C3-R18-10 Datasheet HTML 6Page - Superworld Electronics C3-R18-10 Datasheet HTML 7Page - Superworld Electronics C3-R18-10 Datasheet HTML 8Page - Superworld Electronics C3-R18-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
07.08.2008
C3 SERIES
7. IMPEDANCE VS. FREQUENCY CURVES :
10
100
1000
10000
FREQUENCY(MHz)
1
10
100
1000
10000
HCI2012 Z vs Freq.
6n8
10n
22n
47n
82n
Impedance vs. Frequency
10
100
1000
10000
FREQUENCY(MHz)
1
10
100
1000
HCI2012 L vs Freq.
6n8
10n
22n
33n
47n
82n
Inductance vs. Frequency
10
100
1000
10000
FREQUENCY(MHz)
1
10
100
1000
HCI2012 Q vs Freq.
6n8
10n
22n
47n
82n
Q vs. Frequency
CERAMIC CHIP INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com